Electronic Components Datasheet Search
  English  ▼

X  

74LVC16245ADGG Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 74LVC16245ADGG
Description  16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16245ADGG Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74LVC16245ADGG Datasheet HTML 11Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 12Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 13Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 14Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 15Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 16Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 17Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 18Page - NXP Semiconductors 74LVC16245ADGG Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
17 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
13. Abbreviations
14. Revision history
Table 10.
Abbreviations
Acronym
Description
CMOS
Complementary Metal Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
74LVC_LVCH16245A_8
20081106
Preliminary data sheet
-
74LVC_LVCH16245A_7
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Added type number 74LVC16245ABQ and 74LVCH16245ABQ (HUQFN60U package)
74LVC_LVCH16245A_7
20031125
Product specification
-
74LVC_LVCH16245A_6
74LVC_LVCH16245A_6
20030130
Product specification
-
74LVC_LVCH16245A_5
74LVC_LVCH16245A_5
20021030
Product specification
-
74LVC_H16245A_4
74LVC_H16245A_4
19970925
Product specification
-
74LVC16245A_
74LVCH16245A_3
74LVC16245A_
74LVCH16245A_3
19970925
Product specification
-
74LVC16245A_2
74LVC16245A_2
19970801
Product specification
-
74LVC16245A_1
74LVC16245A_1
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com