Electronic Components Datasheet Search
  English  ▼

X  

TLHK5102 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHK5102
Description  High Intensity LED, 5 mm Untinted Non-Diffused
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHK5102 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHK5102 Datasheet HTML 1Page - Vishay Siliconix TLHK5102 Datasheet HTML 2Page - Vishay Siliconix TLHK5102 Datasheet HTML 3Page - Vishay Siliconix TLHK5102 Datasheet HTML 4Page - Vishay Siliconix TLHK5102 Datasheet HTML 5Page - Vishay Siliconix TLHK5102 Datasheet HTML 6Page - Vishay Siliconix TLHK5102 Datasheet HTML 7Page - Vishay Siliconix TLHK5102 Datasheet HTML 8Page - Vishay Siliconix TLHK5102 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLH.51..
Vishay Telefunken
2 (9)
Rev. A3, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83010
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLHK51.. ,TLHE51.. ,TLHG51.. ,TLHP51.. ,
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
DC forward current
Tamb ≤ 65°C
IF
30
mA
Surge forward current
tp ≤ 10 ms
IFSM
1
A
Power dissipation
Tamb ≤ 65°C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–20 to +100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
350
K/W
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
Red (TLHK51.. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 20 mA, IVmin/IVmax ≥ 0.5
TLHK5100
IV
320
mcd
y
F
Vmin Vmax
TLHK5101
IV
320
640
mcd
TLHK5102
IV
320
860
mcd
Dominant wavelength
IF = 10 mA
ld
626
630
639
nm
Peak wavelength
IF = 10 mA
lp
643
nm
Angle of half intensity
IF = 10 mA
ϕ
±9
deg
Forward voltage
IF = 20 mA
VF
1.9
2.6
V
Reverse voltage
IR = 10 mA
VR
5
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Yellow (TLHE51.. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 20 mA, IVmin/IVmax ≥ 0.5
TLHE5100
IV
750
mcd
y
F
Vmin Vmax
TLHE5101
IV
750
1500
mcd
TLHE5102
IV
750
2000
mcd
Dominant wavelength
IF = 10 mA
ld
581
588
594
nm
Peak wavelength
IF = 10 mA
lp
590
nm
Angle of half intensity
IF = 10 mA
ϕ
±9
deg
Forward voltage
IF = 20 mA
VF
2
2.6
V
Reverse voltage
IR = 10 mA
VR
5
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com