Electronic Components Datasheet Search
  English  ▼

X  

TLHR44 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHR44
Description  High Efficiency LED in 3 mm Tinted Diffused Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR44 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHR44 Datasheet HTML 1Page - Vishay Siliconix TLHR44 Datasheet HTML 2Page - Vishay Siliconix TLHR44 Datasheet HTML 3Page - Vishay Siliconix TLHR44 Datasheet HTML 4Page - Vishay Siliconix TLHR44 Datasheet HTML 5Page - Vishay Siliconix TLHR44 Datasheet HTML 6Page - Vishay Siliconix TLHR44 Datasheet HTML 7Page - Vishay Siliconix TLHR44 Datasheet HTML 8Page - Vishay Siliconix TLHR44 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLH.44..
Vishay Telefunken
2 (11)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83006
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLHR44.. ,TLHO44.. ,TLHY44.. ,TLHG44.. ,TLHP44..
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
DC forward current
IF
30
mA
Surge forward current
tp ≤ 10 ms
IFSM
1
A
Power dissipation
Tamb ≤ 60°C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–20 to +100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
400
K/W
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
High efficiency red (TLHR44.. )
Parameter
Test Conditions
Type
Symbol Min
Typ
Max
Unit
TLHR4400
IV
1.6
3
mcd
Luminous intensity
IF = 10 mA, IVmin/IVmax ≥ 0.5
TLHR4401
IV
2.5
5
mcd
y
F
Vmin Vmax
TLHR4405
IV
6.3
10
mcd
Dominant wavelength
IF = 10 mA
ld
612
625
nm
Peak wavelength
IF = 10 mA
lp
635
nm
Angle of half intensity
IF = 10 mA
ϕ
±30
deg
Forward voltage
IF = 20 mA
VF
2
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Soft orange (TLHO44.. )
Parameter
Test Conditions
Type
Symbol Min
Typ
Max
Unit
Luminous intensity
IF = 10 mA, IVmin/IVmax ≥ 0.5
IV
1.6
4
mcd
Dominant wavelength
IF = 10 mA
TLHO4400
ld
598
611
nm
Peak wavelength
IF = 10 mA
lp
605
nm
Angle of half intensity
IF = 10 mA
ϕ
±30
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com