Electronic Components Datasheet Search
  English  ▼

X  

NTS350 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NTS350
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NTS350 Datasheet(HTML) 2 Page - Emerson Network Power

  NTS350 Datasheet HTML 1Page - Emerson Network Power NTS350 Datasheet HTML 2Page - Emerson Network Power NTS350 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load1 Regulation2
Ripple
P/P (PARD)3
NTS353
12V
0A
16.6A
29.2A
33A
±2%
120mV
NTS355
24V
0A
8.3A
14.6A
16.5A
±2%
240mV
NTS358
48V
0A
4.2A
7.3A
8.2A
±2%
480mV
NTS359
54V
0A
3.7A
6.5A
7.4A
±2%
540mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF (tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage and
load ranges.
Pin Assignments
Rev. 11.24.08
NTS350 Series
2 of 3
Logic Control
Power failure
TTL logic signal goes high 100-500 msec after main output.
It goes low at least 4 msec before loss of regulation
Remote on/off
Requires an external contact closure to inhibit outputs
DC OK
TTL logic goes high after the output is in regulation. It goes low when there is
loss of regulation.
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense
connected. Reverse connection protected.
Operating temperature:
0° to 50°C ambient derate each output as 2.5% per degree from 50° to
70°C.
Storage temperature:
-40°C to +85°C
Electromagnetic
susceptibility:
designed to meetEN61000-4;
-2, -3, -4, -5, -6, -8, -11 Level 3
Humidity:
Operating; non-condensing 10% to 90% RH
Vibration:
Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances 2 G peak 8 Hz to 500
Hz, operational
MTBF demonstrated
1M hours at full load and 25°C ambient conditions
Environmental Specifications
Embedded Power for
Business-Critical Continuity
Connector
SK1
PIN 1
Line
PIN 3
Neutral
PIN 5
Ground
SK5
PIN 1
V1 swp
PIN 2
- Remote Sense
PIN 3
+ Remote Sense
PIN 4
5VSB (standby)
PIN 5
5VSB return
PIN 6
+12V
PIN 7
Common
PIN 8
Inhibit
PIN 9
DC power good (DC OK)
PIN 10
Power Fail (POK)
Adjustment Potentiometers
P1
+V1 Output adjust
P3
+5VSB adjust
1
5
6
10
Mating Connectors
SK1 AC input
Molex 09-50-8051 (USA)
Molex 09-91-0500 (UK)
PINS:08-52-0113
SK2,3,4
Molex BB-124-08
SK5 Control signals
Molex 90142-0010
PINS: 90119-2110 or
Amp: 87977-3
PINS: 87309-8
Astec Connector Kit #70-841-022 includes all of the above
Notes:
1. Specifications subject to change without
notice.
2. All dimensions in inches (mm), tolerance is
±.02”.
3. Specifications are at factory settings
4. Mountingmaximuminsertiondepthis0.12”.
5. Warranty: 2 year
6. Weight: 2.5 lb. / 1.13 kg.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com