Electronic Components Datasheet Search
  English  ▼

X  

TLMA3100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMA3100
Description  Low Current SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMA3100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMA3100 Datasheet HTML 1Page - Vishay Siliconix TLMA3100 Datasheet HTML 2Page - Vishay Siliconix TLMA3100 Datasheet HTML 3Page - Vishay Siliconix TLMA3100 Datasheet HTML 4Page - Vishay Siliconix TLMA3100 Datasheet HTML 5Page - Vishay Siliconix TLMA3100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLMA3100
Vishay Telefunken
1 (6)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83033
Low Current SMD LED
Color
Type
Technology
Angle of Half Intensity
±ö
Yellow
TLMA3100
GaAsP on GaP
60
°
Description
These new devices have been designed to meet the
increasing demand for low current SMD LEDs.
The package of the TLMA3100 is the P–LCC–2
(equivalent to a size B tantalum capacitor).
It consists of a lead frame which is surrounded with a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
Features
D SMD LED with exceptional brightness
D Compatible with automatic placement equipment
D EIA and ICE standard package
D Compatible with infrared, vapor phase and wave
solder processes according to CECC
D Available in 8 mm tape
D Low profile package
D Non-diffused lens: excellent for coupling to light
pipes and backlighting
D Very low power consumption
D Luminous intensity ratio in one packaging unit
IVmax/IVmin x 2.0
94 8553
Applications
Automotive: backlighting in dashboards and switches
Telecommunication: indicator and backlighting in telephone and fax
Indicator and backlight for audio and video equipment
Indicator and backlight for battery driven equipment
Small indicator for outdoor applications
Indicator and backlight in office equipment
Flat backlight for LCDs, switches and symbols
General use


Similar Part No. - TLMA3100

ManufacturerPart #DatasheetDescription
logo
Tadiran Batteries GmbH
TLM-1520HPM TADIRN-TLM-1520HPM Datasheet
303Kb / 1P
High power 4 Volt cell
TLM-1520HPMS TADIRN-TLM-1520HPMS Datasheet
303Kb / 1P
High power 4 Volt cell
TLM-1520HPMT TADIRN-TLM-1520HPMT Datasheet
303Kb / 1P
High power 4 Volt cell
TLM-1520HPMTP TADIRN-TLM-1520HPMTP Datasheet
303Kb / 1P
High power 4 Volt cell
TLM-1530HPM TADIRN-TLM-1530HPM Datasheet
308Kb / 1P
High power 4 Volt cell
More results

Similar Description - TLMA3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMC3100 VISHAY-TLMC3100 Datasheet
58Kb / 6P
Low Current SMD LED
06-Jun-00
TLMC3101 VISHAY-TLMC3101 Datasheet
78Kb / 6P
Low Current SMD LED
04-Feb-99
TLMT3100 VISHAY-TLMT3100 Datasheet
78Kb / 6P
Low Current SMD LED
04-Feb-99
VLMS3000-GS08 VISHAY-VLMS3000-GS08 Datasheet
158Kb / 9P
Low Current SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
TLMO1000 TO-GRACE-TLMO1000 Datasheet
824Kb / 11P
Low Current 0603 SMD LED
VLMY10J2K2-4 TO-GRACE-VLMY10J2K2-4 Datasheet
736Kb / 8P
Low Current 0603 SMD LED
logo
Vishay Siliconix
VLMY10J2K2-4 VISHAY-VLMY10J2K2-4 Datasheet
168Kb / 8P
Low Current 0603 SMD LED
15-Mar-16
TLMO1000 VISHAY-TLMO1000_V01 Datasheet
204Kb / 11P
Low Current 0603 SMD LED
03-Sep-2018
VLMS20 VISHAY-VLMS20_V01 Datasheet
350Kb / 11P
Low Current Mini SMD LED
20-Sep-2021
TLMY1000 VISHAY-TLMY1000_V02 Datasheet
248Kb / 12P
Low Current 0603 SMD LED
18-Jul-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com