Electronic Components Datasheet Search
  English  ▼

X  

LTC1350 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1350
Description  3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1350 Datasheet(HTML) 7 Page - Linear Technology

  LTC1350 Datasheet HTML 1Page - Linear Technology LTC1350 Datasheet HTML 2Page - Linear Technology LTC1350 Datasheet HTML 3Page - Linear Technology LTC1350 Datasheet HTML 4Page - Linear Technology LTC1350 Datasheet HTML 5Page - Linear Technology LTC1350 Datasheet HTML 6Page - Linear Technology LTC1350 Datasheet HTML 7Page - Linear Technology LTC1350 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1350
1350fa
PACKAGE DESCRIPTIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
G Package
28-Lead Plastic SSOP (5.3mm)
(Reference LTC DWG # 05-08-1640)
G28 SSOP 0802
0.09 – 0.25
(.0035 – .010)
0° – 8°
0.55 – 0.95
(.022 – .037)
5.00 – 5.60**
(.197 – .221)
7.40 – 8.20
(.291 – .323)
12 3
4
5
6 7 89 10 11 12
14
13
9.90 – 10.50*
(.390 – .413)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
2.0
(.079)
0.05
(.002)
0.65
(.0256)
BSC
0.22 – 0.38
(.009 – .015)
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
*
**
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
0.42 ±0.03
0.65 BSC
5.3 – 5.7
7.8 – 8.2
RECOMMENDED SOLDER PAD LAYOUT
1.25 ±0.12
NW28 1002
.505 – .560*
(12.827 – 14.224)
1.467*
(36.957)
MAX
12
3
4
5
6
7
8
9
10
27
19
20
21
22
24
23
25
26
28
11
12
13
14
15
16
17
18
.008 – .015
(0.203 – 0.381)
.625
+.035
–.015
+0.889
–0.381
15.87
()
.600 – .625
(15.240 – 15.875)
.070
(1.778)
TYP
.015
(0.381)
MIN
.120
(3.175)
MIN
.150 ± .005
(3.810 ± 0.127)
.018 ± .003
(0.457 ± 0.076)
.035 – .080
(0.889 – 2.032)
.045 – .065
(1.143 – 1.651)
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC
NW Package
28-Lead PDIP (Wide .600 Inch)
(Reference LTC DWG # 05-08-1520)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com