Electronic Components Datasheet Search
  English  ▼

X  

LTC1707CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1707CS8
Description  High Efficiency Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1707CS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1707CS8 Datasheet HTML 1Page - Linear Technology LTC1707CS8 Datasheet HTML 2Page - Linear Technology LTC1707CS8 Datasheet HTML 3Page - Linear Technology LTC1707CS8 Datasheet HTML 4Page - Linear Technology LTC1707CS8 Datasheet HTML 5Page - Linear Technology LTC1707CS8 Datasheet HTML 6Page - Linear Technology LTC1707CS8 Datasheet HTML 7Page - Linear Technology LTC1707CS8 Datasheet HTML 8Page - Linear Technology LTC1707CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1707
ITH (Pin 1): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is 0V to 1.2V.
RUN/SS (Pin 2): Combination of Soft-Start and Run
Control Inputs. A capacitor to ground at this pin sets the
ramp time to full current output. The time is approximately
0.5s/
µF. Forcing this pin below 0.4V shuts down the
LTC1707.
VFB (Pin 3): Feedback Pin. Receives the feedback voltage
from an external resistive divider across the output.
GND (Pin 4): Ground Pin.
SW (Pin 5): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
VIN (Pin 6): Main Supply Pin. Must be closely decoupled
to GND, Pin 4.
SYNC/MODE (Pin 7): This pin performs two functions:
1) synchronize with an external clock and 2) select be-
tween two modes of low load current operation. To
synchronize with an external clock, apply a TTL/CMOS
compatible clock with a frequency between 385kHz and
550kHz. To select Burst Mode operation, float the pin or
tie it to VIN. Grounding Pin 7 forces pulse skipping mode
operation.
VREF (Pin 8): The Output of a 1.19V ±1% Precision
Reference. May be loaded up to 100
µA and is stable with
up to 2000pF load capacitance.
VFB
VIN
3
VREF
2
1
6
5
4
Q
Q
R
S
0.12V
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
0.6V
ITH
RUN/SS
0.8V
0.4V
0.86V
SYNC/MODE
Y = “0” ONLY WHEN X IS A CONSTANT “1”
SHUTDOWN
SLEEP
6
Ω
1.5
µA
2.25
µA
VIN
VIN
VIN
VIN
SW
GND
1707 BD
VIN
BURST
EN
7
OSC
FREQ
SHIFT
1.19V
REF
UVLO
TRIP = 2.7V
Y
X
BURST
DEFEAT
SLOPE
COMP
–
+
OVDET
–
+
–
+
EA
ICOMP
–
+
IRCMP
RUN/SOFT
START
ANTI-
SHOOT-THRU
8
PI FU CTIO S
FU CTIO AL DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com