Electronic Components Datasheet Search
  English  ▼

X  

TLME3100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLME3100
Description  High Intensity SMD LED High Intensity SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLME3100 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLME3100 Datasheet HTML 1Page - Vishay Siliconix TLME3100 Datasheet HTML 2Page - Vishay Siliconix TLME3100 Datasheet HTML 3Page - Vishay Siliconix TLME3100 Datasheet HTML 4Page - Vishay Siliconix TLME3100 Datasheet HTML 5Page - Vishay Siliconix TLME3100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLME3100
Vishay Telefunken
3 (6)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83038
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 3 Rel. Luminous Intensity vs.
Angular Displacement
1
10
100
1
1.5
2.0
2.5
3.0
VF – Forward Voltage ( V )
95 10878
Figure 4 Forward Current vs. Forward Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
102030 405060 708090 100
Tamb – Ambient Temperature ( °C )
95 10880
IF = 10 mA
Figure 5 Rel. Luminous Intensity vs.
Ambient Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
96 11589
tp/T
IF(mA)
50
5
20
2
5
2
1
0.5
0.2
10
Figure 6 Rel. Lumin. Intensity vs.
Forw. Current/Duty Cycle
0.01
0.10
1.00
10.00
1
10
100
IF – Forward Current ( mA )
96 11588
Figure 7 Relative Luminous Intensity vs. Forward Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
550 560 570 580 590 600 610 620 630 640 650
l – Wavelength ( nm )
95 10881
IF = 10 mA
Figure 8 Relative Luminous Intensity vs. Wavelength



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com