Electronic Components Datasheet Search
  English  ▼

X  

HSC276 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HSC276
Description  Silicon Schottky Barrier Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HSC276 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  HSC276 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOD-523
Unit: mm
0.77max
0.6+0.1
-0.1
1.2+0.1
-0.1
1.6+0.1
-0.1
+-
Silicon Schottky Barrier Diode
HSC276
Features
High forward current, Low capacitance.
Ultra small Flat Package (UFP) is suitable for surface mount design.
A b s o lu te Ma x imu m R a tin g s T a = 2 5
P a ra m e te r
S y m bol
V alue
U n it
R e v e rs e V oltage
V R
3V
A v erage rec tified c u rre nt
IO
30
m A
J unc tion te m perature
T j
125
S torage te m perature
T stg
-5 5to+ 1 2 5
Electrical Characteristics Ta = 25
Param eter
Sym bol
Conditions
M in
Typ
M ax
Unit
Reverse voltage
VR
IR =10
A
30
V
Reverse current
IR
VR = 0.5 V
0.5
A
Forward voltage
IF
VR =0.5 V
35
m A
Capacitance
C
VR = 0.5 V, f = 1 M Hz
0.85
pF
C=200pF , Both forward and
reverse direction 1 pulse.
Note
1. Failure criterion ; IR
100m A at VR =0.5 V
V
ESD-Capability (Note 1)
30
Marking
Marking
C2


Similar Part No. - HSC276

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSC276 HITACHI-HSC276 Datasheet
24Kb / 5P
Silicon Schottky Barrier Diode for Mixer
logo
Renesas Technology Corp
HSC276 RENESAS-HSC276 Datasheet
61Kb / 5P
HSC276_03
logo
Hitachi Semiconductor
HSC276A HITACHI-HSC276A Datasheet
20Kb / 5P
Silicon Schottky Barrier Diode for Mixer
logo
Renesas Technology Corp
HSC276A RENESAS-HSC276A Datasheet
141Kb / 5P
Silicon Schottky Barrier Diode for Mixer
HSC276 RENESAS-HSC276_03 Datasheet
61Kb / 5P
HSC276_03
More results

Similar Description - HSC276

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
Silicon Schottky Barrier Diode
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
Silicon Schottky Barrier Diode
logo
Guangdong Kexin Industr...
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
Silicon Schottky Barrier Diode
logo
Sanken electric
FMB-24 SANKEN-FMB-24_11 Datasheet
196Kb / 5P
Silicon Schottky Barrier Diode
FMW-2204 SANKEN-FMW-2204 Datasheet
251Kb / 5P
Silicon Schottky Barrier Diode
FMW-4306 SANKEN-FMW-4306 Datasheet
181Kb / 5P
Silicon Schottky Barrier Diode
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com