Electronic Components Datasheet Search
  English  ▼

X  

LTC1740CG Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1740CG
Description  14-Bit, 6Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1740CG Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1740CG Datasheet HTML 8Page - Linear Technology LTC1740CG Datasheet HTML 9Page - Linear Technology LTC1740CG Datasheet HTML 10Page - Linear Technology LTC1740CG Datasheet HTML 11Page - Linear Technology LTC1740CG Datasheet HTML 12Page - Linear Technology LTC1740CG Datasheet HTML 13Page - Linear Technology LTC1740CG Datasheet HTML 14Page - Linear Technology LTC1740CG Datasheet HTML 15Page - Linear Technology LTC1740CG Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1740
1740f
Full-Scale and Offset Adjustment
In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero. Offset
error should be adjusted before full-scale error. Figure 11
shows a method for error adjustment for a dual supply,
5.00V input range application. For zero offset error apply
– 0.15mV (i. e., – 0.5LSB) at + AIN and adjust R1 until the
output code flickers between 00 0000 0000 0000 and 11
1111 1111 1111. For full-scale adjustment, apply an input
voltage of 2.49954V (FS – 1.5LSBs) at + AIN and adjust R2
until the output code flickers between 01 1111 1111 1110
and 01 1111 1111 1111.
Digital Output Drivers
The LTC1740 output drivers can interface to logic operat-
ing from 3V to 5V by setting OVDD to the logic power
supply. OVDD requires a 1µF decoupling capacitor. To
prevent digital noise from affecting performance, the load
capacitance on the digital outputs should be minimized. If
large capacitive loads are required, (>30pF) external buff-
ers or 100
Ω resistors in series with the digital outputs are
suggested.
Timing
The conversion start is controlled by the rising edge of the
CLK pin. Once a conversion is started it cannot be stopped
or restarted until the conversion cycle is complete. Output
data is updated at the end of conversion, or about 100ns
after a conversion is begun. There is an additional two
cycle pipeline delay, so the data for a given conversion is
output two full clock cycles plus 100ns after the convert
start. Thus output data can be latched on the third CLK
rising edge after the rising edge that samples the input.
Clock Input
The LTC1740 only uses the rising edge of the CLK pin for
internal timing, and CLK doesn’t necessarily need to have
a 50% duty cycle. For optimal AC performance the rise
time of the CLK should be less than 5ns. If the available
clock has a rise time slower than 5ns, it can be locally sped
up with a logic gate. The clock can be driven with 5V
CMOS, 3V CMOS or TTL logic levels.
APPLICATIO S I FOR ATIO
R2
1k
10k
1
µF
1740 F11
+AIN
VSS
VIN
5V
–5V
–5V
LTC1740
5V
–AIN
SENSE
VREF
10k
24k
100
Ω
R1
50k
Figure 11. Offset and Full-Scale Adjust Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com