Electronic Components Datasheet Search
  English  ▼

X  

AV10 Datasheet(PDF) 1 Page - celduc-relais

Part # AV10
Description  HIGH VOLTAGE REED SWITCH NORMALY OPEN, DRY CONTACT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

AV10 Datasheet(HTML) 1 Page - celduc-relais

  AV10 Datasheet HTML 1Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
page 1 / 1 F/GB
I/SEC/AV10/B/14/09/2005
r
e
l
a
i
s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PPP
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
INTERRUPTEUR REED HAUTE TENSION
HIGH VOLTAGE REED SWITCH
NORMALEMENT OUVERT, CONTACT SEC
NORMALY OPEN, DRY CONTACT
Ø 5,5 mm max
Ø1,4
50,8 mm max
83,5 mm max
10,5 mm max
13 mm max
AV10 . . . .
CARACTERISTIQUES ELECTRIQUES / ELECTRICAL DATA
Puissance maxi commutable / Max. switching power
50 VA
Tension maxi commutable / Max. switching voltage
7 500 VDC
Courant maxi commutable / Max. switching current
0,3A
Courant passant maximum / Carrying current
3A
Tension typique de tenue / Typical dielectric strength
10 000 VDC
Résistance de contact initiale ( max ) / Initial contact resistance
≤ 100 mΩ
Méthode de mesure / Test process
Résistance d'isolement ( min ) / Insulation resistance
1010
Ω
Temps de commutation maximum à l'action ( rebonds inclus ) /
3 ms
Switching time / max. operate time ( bounces included )
Référence ( Plage standard d'Ampères Tours de fermeture ) /
Reference ( standard pull-in value )
AV10100120 ( de 100 à 120 ATf ) /
from 100 up to 120 AT
Pour des applications particulières ( autres sensibilités, plage réduite, coupe, cambrage ), prière de nous consulter.
For special applications ( others pull-in-range, reduced range, cutting out, bending ), please contact us
EXEMPLE/ EXAMPLE : AV1080100
( de 80 à 100 ATf ) / from 100 up to 120 AT )


Similar Part No. - AV10

ManufacturerPart #DatasheetDescription
logo
LEM
AV100 LEM-AV100 Datasheet
41Kb / 2P
Voltage Transducer AV 100 Series
AV100-1000 LEM-AV100-1000 Datasheet
41Kb / 2P
Voltage Transducer AV 100 Series
AV100-125 LEM-AV100-125 Datasheet
41Kb / 2P
Voltage Transducer AV 100 Series
AV100-150 LEM-AV100-150 Datasheet
41Kb / 2P
Voltage Transducer AV 100 Series
AV100-1500 LEM-AV100-1500 Datasheet
41Kb / 2P
Voltage Transducer AV 100 Series
More results

Similar Description - AV10

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AC03 CELDUC-AC03 Datasheet
362Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC011015 CELDUC-AC011015 Datasheet
79Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AD810XXXXX CELDUC-AD810XXXXX Datasheet
94Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI02 CELDUC-AI02 Datasheet
367Kb / 3P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI03 CELDUC-AI03 Datasheet
340Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI43 CELDUC-AI43 Datasheet
397Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI44 CELDUC-AI44 Datasheet
83Kb / 1P
REED SWITCH NORMALY OPEN, DRY CONTACT
AL44 CELDUC-AL44 Datasheet
80Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
IA85 CELDUC-IA85 Datasheet
111Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com