Electronic Components Datasheet Search
  English  ▼

X  

CD30 Datasheet(PDF) 1 Page - celduc-relais

Part # CD30
Description  REED SWITCH DRY CONTACT CHANGEOVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

CD30 Datasheet(HTML) 1 Page - celduc-relais

  CD30 Datasheet HTML 1Page - celduc-relais CD30 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1 / 2 F/GB
I/SEC/CD30-001/B/8/03/2004
r
e
l
a
i
s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Proud to serve you
celduc
INTERRUPTEUR REED
REED SWITCH
INVERSEUR CONTACT SEC
DRY CONTACT CHANGEOVER
Ø 1,1
Ø 5,4
34,3
86,1
38,1
CD30 . . . .
CARACTERISTIQUES ELECTRIQUES / ELECTRICAL DATA
Puissance maxi commutable / Max. switching power
contact repos / normaly closed
100 VA
Tension maxi commutable / Max. switching voltage
500 VAC/DC
Courant maxi commutable / Max. switching current
3 A
Tension typique de tenue / Typical dielectric strength
1000 VDC
Résistance de contact initiale ( max ) / Initial contact resistance
≤ 500 mΩ
Résistance d'isolement ( min ) / Insulation resistance
108
Ω
Capacité / Capacitance
1 pF
Fréquence maxi d'utilisation / Max. frequency
100 Hz
Temps de commutation maximum
à l'action / max. operate time
contact travail / normaly open
3 ms


Similar Part No. - CD30

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD3001 CDIL-CD3001 Datasheet
169Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Compensated Deuices Inc...
CD3016B CDI-DIODE-CD3016B Datasheet
113Kb / 2P
1 WATT CAPABILITY WITH PROPER HEAT SINKING
CD3017B CDI-DIODE-CD3017B Datasheet
113Kb / 2P
1 WATT CAPABILITY WITH PROPER HEAT SINKING
CD3018B CDI-DIODE-CD3018B Datasheet
113Kb / 2P
1 WATT CAPABILITY WITH PROPER HEAT SINKING
CD3019B CDI-DIODE-CD3019B Datasheet
113Kb / 2P
1 WATT CAPABILITY WITH PROPER HEAT SINKING
More results

Similar Description - CD30

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AC03 CELDUC-AC03 Datasheet
362Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC011015 CELDUC-AC011015 Datasheet
79Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI02 CELDUC-AI02 Datasheet
367Kb / 3P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI43 CELDUC-AI43 Datasheet
397Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI44 CELDUC-AI44 Datasheet
83Kb / 1P
REED SWITCH NORMALY OPEN, DRY CONTACT
AL44 CELDUC-AL44 Datasheet
80Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
CG21 CELDUC-CG21 Datasheet
409Kb / 4P
REED SWITCH DRY CONTACT CHANGEOVER
IA85 CELDUC-IA85 Datasheet
111Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
CS26 CELDUC-CS26 Datasheet
154Kb / 1P
INVERSEUR CONTACT SEC / DRY CONTACT CHANGEOVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com