Electronic Components Datasheet Search
  English  ▼

X  

CG21 Datasheet(PDF) 1 Page - celduc-relais

Part # CG21
Description  REED SWITCH DRY CONTACT CHANGEOVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

CG21 Datasheet(HTML) 1 Page - celduc-relais

  CG21 Datasheet HTML 1Page - celduc-relais CG21 Datasheet HTML 2Page - celduc-relais CG21 Datasheet HTML 3Page - celduc-relais CG21 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
page 1 / 4 F/GB
I/SEC/CG21-001/I/24/01/2006
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PPP
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
INTERRUPTEUR REED
REED SWITCH
INVERSEUR CONTACT SEC
DRY CONTACT CHANGEOVER
Ø 2,6 max.
0,4
1,5 max.
14 max.
52,4
± 0,1
0
- 0,1
28,6
± 0,05
19,4
± 0,1
Ø 0,5
Ø 0,5
Ø 0,5
(F)
CG21 . . . .
CARACTERISTIQUES ELECTRIQUES / ELECTRICAL DATA
Puissance maxi commutable / Max. switching power
contact repos / normaly closed
3 W
contact travail / normaly open
8 W
Tension maxi commutable / Max. switching voltage
100 Vdc
Courant maxi commutable / Max. switching current
250 mA
Courant de travail / Carrying current
0,5 A
Tension typique de tenue / Typical dielectric strength
200 Vdc
Résistance de contact initiale ( max ) / Initial contact resistance
< 100 m
Ω
Méthode de mesure / Test process
Résistance d'isolement ( min ) / Insulation resistance
109
Ω
Capacité / Capacitance
2,5 pF
Fréquence maxi d'utilisation / Max. frequency
150 Hz
Fréquence de résonnance / Resonnant frequency
3 KHz
Temps de commutation maximum
Méthode de mesure / Test process ---> Alimentation de bobine /Coil voltage: ATF + 30%
à l'action / max. operate time
contact travail / normaly open
1,5 ms
au relâchement / max. release time
contact repos / normaly closed
2 ms
Bobine / Coil : L4989
Mesure en 4 points / 4 points measurement
Rampe / Slope
≈ 100 At / s
I = 1 mA ; U = 10 V
En + et en - (
≈ 1KHz )
Alimentation de bobine /Coil voltage: ATF + 20 ATf
mesure de tension
voltage measurement
36 mm
19,5 mm
Dossier / File
E69913
r
e
l
a
i
s


Similar Part No. - CG21

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG21000 LITTELFUSE-CG21000 Datasheet
232Kb / 6P
Gas Discharge Tube (GDT) Products
CG210001 LITTELFUSE-CG210001 Datasheet
780Kb / 6P
Rugged Ceramic-Metal construction Low Capacitance Instrumentation circuits
CG210001 LITTELFUSE-CG210001 Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products CG/CG2 Series
CG210001 LITTELFUSE-CG210001 Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products CG/CG2 Series
CG21000L LITTELFUSE-CG21000L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products CG/CG2 Series
More results

Similar Description - CG21

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AC03 CELDUC-AC03 Datasheet
362Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC011015 CELDUC-AC011015 Datasheet
79Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI02 CELDUC-AI02 Datasheet
367Kb / 3P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI43 CELDUC-AI43 Datasheet
397Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI44 CELDUC-AI44 Datasheet
83Kb / 1P
REED SWITCH NORMALY OPEN, DRY CONTACT
AL44 CELDUC-AL44 Datasheet
80Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
CD30 CELDUC-CD30 Datasheet
54Kb / 2P
REED SWITCH DRY CONTACT CHANGEOVER
IA85 CELDUC-IA85 Datasheet
111Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
CS26 CELDUC-CS26 Datasheet
154Kb / 1P
INVERSEUR CONTACT SEC / DRY CONTACT CHANGEOVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com