Electronic Components Datasheet Search
  English  ▼

X  

PTH12060WAST Datasheet(PDF) 1 Page - Emerson Network Power

Part # PTH12060WAST
Description  DC/DC CONVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12060WAST Datasheet(HTML) 1 Page - Emerson Network Power

  PTH12060WAST Datasheet HTML 1Page - Emerson Network Power PTH12060WAST Datasheet HTML 2Page - Emerson Network Power PTH12060WAST Datasheet HTML 3Page - Emerson Network Power PTH12060WAST Datasheet HTML 4Page - Emerson Network Power PTH12060WAST Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC CONVERTERS
POLA Non-isolated
1
NEW Product
File Name: pth12060.pdf Rev: 28 Jun 2006
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Cin = 560 µF, Cout = 0 µF
SPECIFICATIONS
The PTH12060 is a next generation series of non-isolated dc-dc converters offering
some of the most advanced POL features available in the industry. The primary new
feature provides for sequencing between multiple modules, a function, which is
becoming a necessity for powering advanced silicon including DSP’s, FPGA’s and
ASIC’s requiring controlled power-up and power-down. Other industry leading
features include margin up/down controls and efficiencies up to 94%. The PTH12060
has an input voltage of 10.8 Vdc to 13.2 Vdc and offers a wide output voltage range
adjustable with external trim resistor, allowing for maximum design flexibility and a
pathway for future upgrades.
• 10 A output current
• 12 V input voltage
• Wide-output voltage adjust
• 1.2 Vdc to 5.5 Vdc for suffix ‘W’ and
0.8 Vdc to 1.8 Vdc for suffix ‘L’
• Auto-track™ sequencing*
• Margin up/down controls
• Efficiencies up to 94%
• Output ON/OFF inhibit
• Output voltage sense
• Point-of-Load-Alliance (POLA) compatible
• Available RoHS compliant
*Auto-track™ is a trade mark of
Texas Instruments
PTH12060
12 Vin single output
OUTPUT SPECIFICATIONS
Voltage adjustability
Suffix ‘W’
1.2-5.5 Vdc
(See Note 4)
Suffix ‘L’
0.8-1.8 Vdc
Setpoint accuracy
±2.0% Vo
Line regulation
±10 mV typ.
Load regulation
±12 mV typ.
Total regulation
±3.0% Vo
Minimum load
0 A
Ripple and noise
Suffix ‘W’
Vo ≤ 2.5 V
25 mV pk-pk
20 MHz bandwidth
Vo > 2.5 V
1% Vo
(See Note 8)
Suffix ‘L’
Vo ≤ 1.0 V
20 mV pk-pk
Vo > 1.0 V
30 mV pk-pk
Temperature co-efficient
-40 ºC to +85 ºC
±0.5% Vo
Transient response
70 µs recovery time
(See Note 5)
Overshoot/undershoot 100 mV
Margin adjustment
±5.0% Vo
INPUT SPECIFICATIONS
Input voltage range
(See Note 3)
10.8-13.2 Vdc
Input current
No load
10 mA typ.
Remote ON/OFF
(See Note 1)
Positive logic
Start-up time
1 V/ms
Undervoltage lockout
9.0-9.5 V typ.
Track input voltage
Pin 8 (See Note 6)
±0.3 Vin
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1,
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 06 38572 044
CB Report and Certificate to IEC60950, Certificate No.
US/8292/UL
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
See Tables on page 2
Insulation voltage
Non-isolated
Switching frequency
Suffix ‘W’
350 kHz typ.
Over Vin and Io ranges
Suffix ‘L’
250 kHz typ.
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
25.27 x 15.75 x 9.00 mm
0.995 x 0.620 x 0.354 in
Weight
5 g (0.18 oz)
MTBF
Telcordia SR-332
7,092,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
MSL (‘Z’ suffix only)
JEDEC J-STD-020C
Level 3
PROTECTION
Short-circuit
Auto reset
20 A typ.


Similar Part No. - PTH12060WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12060WAST TI-PTH12060WAST Datasheet
1Mb / 29P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH12060WAST ARTESYN-PTH12060WAST Datasheet
371Kb / 5P
DC/DC CONVERTERS POLA Non-isolated
logo
Texas Instruments
PTH12060WAST TI2-PTH12060WAST Datasheet
1Mb / 30P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED DECEMBER 2008
PTH12060WAST.B TI2-PTH12060WAST.B Datasheet
1Mb / 30P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED DECEMBER 2008
More results

Similar Description - PTH12060WAST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
WU100 XPPOWER-WU100 Datasheet
67Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com