Electronic Components Datasheet Search
  English  ▼

X  

SLD03210 Datasheet(PDF) 1 Page - celduc-relais

Part # SLD03210
Description  SLIM SOCKET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SLD03210 Datasheet(HTML) 1 Page - celduc-relais

  SLD03210 Datasheet HTML 1Page - celduc-relais SLD03210 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PP
P
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
r
e
l
a
i
s
page 1 / 2F/GB
S/MON/SESD01000/A/24/03/2005
SUPPORT DE RELAIS
SLIM
SLIM SOCKET
ESD01000
okpac
A1
A2
NF
COM
NO
celduc
®
SLIM SOCKET ESD01000
A1
-
A2
+
14
NO
11
COM
12
NF
A1 A2
NF COM NO
A1 A2
NF COM NO
+
+-
-
SLD
A1 A2
NF COM NO
+
-
SLA
A1
A2
NF
COM
NO
EMR
celduc
SSR
References
Commande/
Input control
A1 - A2
Sortie /Output
COM - NO
Input
Resistance
R1 // R2
(Ohms)
Input
Current
SLD01205
3-10VDC
24VDC 4A
300
Ω
13mA @ 5VDC
SLD02205
7-20VDC
24VDC 4A
900
Ω
12mA @ 12VDC
SLD03205
18-32VDC
24VDC 4A
1850
Ω
12,5mA @ 24VDC
SLD01210
3-10VDC
48VDC 2,5A
300
Ω
13mA @ 5VDC
SLD02210
7-20VDC
48VDC 2,5A
900
Ω
12mA @ 12VDC
SLD03210
18-32VDC
48VDC 2,5A
1850
Ω
12,5mA @ 24VDC
SLA01220
3-10VDC
12-280VAC 2A
300
Ω
13mA @ 5VDC
SLA02220
7-20VDC
12-280VAC 2A
900
Ω
12mA @ 12VDC
SLA03220
18-32VDC
12-280VAC 2A
1850
Ω
12,5mA @ 24VDC
R1
R2
Compatible avec les relais électromécaniques
et les relais statiques celduc sortie continue
SLD et sortie alternative SLA.
Compatible with Electromechanical Relays
and
celduc solid state relays with DC
output SLD and AC output SLA


Similar Part No. - SLD03210

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SLD03210 CELDUC-SLD03210 Datasheet
448Kb / 2P
SLIM SOCKET
SLD03210 CELDUC-SLD03210 Datasheet
166Kb / 3P
DC SLIM Solid State Relay
More results

Similar Description - SLD03210

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A04B DBLECTRO-A04B Datasheet
114Kb / 1P
IDC SOCKET SINGLE ROW (SLIM TYPE)
logo
celduc-relais
ESD01000 CELDUC-ESD01000_1 Datasheet
448Kb / 2P
SLIM SOCKET
ESD08100 CELDUC-ESD08100 Datasheet
46Kb / 1P
Socket for 8 SLIM relay
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
Slim Relay
logo
List of Unclassifed Man...
R95-132 ETC2-R95-132 Datasheet
583Kb / 1P
8?뭁in Slim Line Socket
logo
Adam Technologies, Inc.
CFR-50-A-SG-D-X ADAM-TECH-CFR-50-A-SG-D-X Datasheet
114Kb / 1P
CF SOCKET SLIM TYPE
CFR-50-A-SG-E-X ADAM-TECH-CFR-50-A-SG-E-X Datasheet
114Kb / 1P
CF SOCKET SLIM TYPE
logo
Samtec, Inc
QRF8-026-05.0-L-D-A-GP SAMTEC-QRF8-026-05.0-L-D-A-GP Datasheet
522Kb / 1P
SLIM BODY GROUND PLANE SOCKET
logo
TE Connectivity Ltd
1-2367216-1 TEC-1-2367216-1 Datasheet
62Kb / 1P
PIN STZE 2.4mm, SOCKET [CCON SLIM DUAL
Rev. A
2372900 TEC-2372900 Datasheet
49Kb / 1P
PIN ST/ZE 2. 4mm, SOCKET [CCON SLIM FOR CABLE
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com