Electronic Components Datasheet Search
  English  ▼

X  

PTV03020 Datasheet(PDF) 3 Page - Emerson Network Power

Part # PTV03020
Description  DC-DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTV03020 Datasheet(HTML) 3 Page - Emerson Network Power

  PTV03020 Datasheet HTML 1Page - Emerson Network Power PTV03020 Datasheet HTML 2Page - Emerson Network Power PTV03020 Datasheet HTML 3Page - Emerson Network Power PTV03020 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
3
NEW Product
File Name: ptv03020w.pdf Rev (02): 19 Dec 2005
OUTPUT CURRENT (A)
2.5V
1.5V
1.0V
0.8V
70
80
90
100
03
69
15
Vout
60
50
12
18
Nat conv
100 LFM
200 LFM
400 LFM
OUTPUT CURRENT (A)
20
30
40
50
60
70
80
90
0
3
6
9
12
15
18
Figure 2 - Efficiency vs Load Current
Vin = 3.3 V (See Note B)
Figure 1 - Safe Operating Area
Vin = 3.3 V, Output Voltage = 2.5 V (See Note A)
PTV03020
3.3 Vin single output
N
No
otte
es
s
A
SOA curves represent the conditions at which internal components are
within the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at
25 °C. This data is considered typical data for the converter.
3, 4
C2
22uF
Ceramic
(Required)
C3
330uF
Optional
Vin
Vo
Rset
1%
0.05W
Track
C1
680uF
(Required)
GND
Inhibit
GND
L
O
A
D
PTVxx020
9
8
1, 2
10. 11
12
5, 6
GND
Inhibit
Vo Adj
Vo
Vin
Track
Vo Sense
7
Sense
Figure 3 - Standard Application



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com