Electronic Components Datasheet Search
  English  ▼

X  

F72C Datasheet(PDF) 2 Page - celduc-relais

Part # F72C
Description  REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

F72C Datasheet(HTML) 2 Page - celduc-relais

  F72C Datasheet HTML 1Page - celduc-relais F72C Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
voltage
5 V
30 V
100 VAC
current ( mA )
10
200
60
life expectancy ( - x 106 op. )
200
180
830
rate of failure ( - x 10-9 défaut / op.)
5
5,6
1,2
R/MER/F72C.500/A/12/10/2000
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 2 / 2 F/GB
caractéristiques électriques/electrical data
résistance initiale de contact/
Initial contact resistance ( 100 mA/ 12 VAC)
≤ 150 mΩ
résistance de bobine/coil resistance at 20 °C
-variation 10 % each 25 °C
tension de tenue/ hold-on voltage
- entre lames
/ accross contacts
1000 Vac
- entre bobine et contact/ between coil and contacts
1000 Vac
- entre boitier et contact /between case and contacts
1000 Vac
- entre boitier et bobine/ between case and coil
1000 Vac
résistance d'isolement/ insulation resistance
- entre lames
/ accross contacts
108 Ω
- entre bobine et contact/ between coil and contacts
1010 Ω
- entre boitier et contact /between case and contacts
1010 Ω
- entre boitier et bobine/ between case and coil
1010 Ω
Temps de commutation maximum / Max switching time
Méthode de mesure / Test process---> Alimentation de bobine / Coil voltage:V nominale / nominal voltage
à l'action / max. operate time
contact travail / normaly open
3 ms
au relâchement / max. release time
contact repos / normaly closed
3 ms
Durée de vie electrique
/ Electrical life time
nous consulter/ consult us
Durée de vie mécanique
/ mecanical life expectancy
>1. 109 op
caractéristiques physiques/ physical data
temperature de fontionnement/ operating temperature
- 25 à + 70 °C
temperature de stockage/ storage temperature
- 40 à + 100 °C
poids/ weight
9 gr. max.
chocs/shocks (11ms)
30 g
vibrations ( 10 to 500 Hz )
10 g
F72C
2 500
5 500
7 500
75Ω
350Ω
1350Ω



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com