Electronic Components Datasheet Search
  English  ▼

X  

QB2GIBC Datasheet(PDF) 1 Page - Emerson Network Power

Part # QB2GIBC
Description  2nd Generation IBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

QB2GIBC Datasheet(HTML) 1 Page - Emerson Network Power

  QB2GIBC Datasheet HTML 1Page - Emerson Network Power QB2GIBC Datasheet HTML 2Page - Emerson Network Power QB2GIBC Datasheet HTML 3Page - Emerson Network Power QB2GIBC Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Quarter-Brick
Series
2nd Generation IBC
Special Features
• 48V input with isolated 12 V
output
• Ultra-high efficiency, 95.5% 12
V @ 37.5 A
• High power density (337 W/in3)
open-frame technology
• Wide operating ambient
temperature range
• Industry standard quarter-brick
footprint and pinout
• Low profile, 0.40 ” (10.2 mm)
• Meets basic insulation
requirements of EN60950-1
• Remote ON/OFF and
overtemperature protection
• Available RoHS compliant
• 2 Year Warranty
Total Power:
336 - 450W
Input Voltage: 36 - 75 Vdc
Rev.06.06.08
qb2gibc
1 of 4
Safety
UL/cUL : CAN/CSA 22.2
No. 60950-1
UL60950-File No. E135734
VDE File No. 10401-3336-0206
Licence No. 40012752
Electrical Specifications
Output
Output setpoint accuracy
See table
Line regulation:
Low line to high line
See table
Load regulation
Full load to min. load
See table
Total error band
(including setpoint, line,
load and temperature)
IBC38AQT4812J
9.70 - 13.40 Vdc
IBC30AQS4812J
11.52 - 12.48 Vdc
IBC28AQW4812J
11.40 - 12.60 Vdc
Minimum load
0 A
Overshoot
At turn on and turn-off
None
Undershoot
None
Ripple and noise
5 - 20 MHz
(See note 2)
100 mV pk-pk typ.
40 mV rms typ.
Input
Input voltage range
See table
Input current
Remote OFF
6 mA typ.
Input current (max.)
(See note 1)
12 A max. @ lo max.
and Vin = min. rated
Input reflected ripple
(See note 4)
1000 - 1560 mA (pk-pk)
Remote ON/Off
Logic compatiblity
On
OFF
(See note 6)
Open collector ref. to- input
>2.4 Vdc
<0.4 Vdc
Undervoltage lockout (non-latching):
IBC38AQT4812J and
IBC30AQS4812J
IBC28AQW4812J
Power-up
40 V
Power-down
38 V
Power up
35.2 V
Power down
34 V
Startup time (see note 3)
Power-up
15 ms
Remote ON/OFF
5 ms


Similar Part No. - QB2GIBC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
QB2057 TI-QB2057 Datasheet
1Mb / 30P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
QB2057C TI-QB2057C Datasheet
1Mb / 30P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
QB2057T TI-QB2057T Datasheet
1Mb / 30P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
QB2057W TI-QB2057W Datasheet
1Mb / 30P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
DATEL, Inc.
QB22S12-12.5 DATEL-QB22S12-12.5 Datasheet
141Kb / 1P
Quarter-Brick, 150-Watt, 12 Volts Output
More results

Similar Description - QB2GIBC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB9224 SAMSUNG-KB9224 Datasheet
450Kb / 55P
VIDEO-CD 2ND GENERATION
logo
Infineon Technologies A...
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
2nd generation thinQ SiC Schottky Diode
05.04.2006
IDD04S60C INFINEON-IDD04S60C Datasheet
241Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-04-03
IDT06S60C INFINEON-IDT06S60C Datasheet
237Kb / 7P
2nd generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT08S60C INFINEON-IDT08S60C Datasheet
231Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
logo
Samsung semiconductor
S1L9224X01 SAMSUNG-S1L9224X01 Datasheet
385Kb / 55P
VIDEO-CD 2ND GENERATION
logo
Emerson Network Power
EIGHTH-BRICKIBC EMERSON-NETWORKPOWER-EIGHTH-BRICKIBC Datasheet
654Kb / 3P
2nd Generation IBC
IBC60 EMERSON-NETWORKPOWER-IBC60 Datasheet
1Mb / 4P
Fixed Ratio 2nd Generation IBC
logo
Infineon Technologies A...
IDT06S60C INFINEON-IDT06S60C_08 Datasheet
424Kb / 7P
2nd generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
logo
AAEON Technology
EMB-Q77A AAEON-EMB-Q77A Datasheet
454Kb / 2P
Intel짰 3rd/2nd Generation Core?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com