Electronic Components Datasheet Search
  English  ▼

X  

IBC60 Datasheet(PDF) 3 Page - Emerson Network Power

Part # IBC60
Description  Fixed Ratio 2nd Generation IBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IBC60 Datasheet(HTML) 3 Page - Emerson Network Power

  IBC60 Datasheet HTML 1Page - Emerson Network Power IBC60 Datasheet HTML 2Page - Emerson Network Power IBC60 Datasheet HTML 3Page - Emerson Network Power IBC60 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 02.11.09_162
Quarter-Brick Fixed IBC60
 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
I B C 6 0 A Q N 4 8 9 6 - R E N J
Part Number System with Options
RatedOutputCurrent
60A=60Ampsat48V
RemoteON/OFFLogic
Blank=Positive
R=Negative(SeeNote6)
InputVoltageType
T=NarrowInputFixedRatio
S=NarrowInputSemi-reguated
N=NarrowTelecomFixedRatio
W=WideTelecomSemi-reguated
RoHSCompliance
J=Pb-free(RoHS6/6compliant)
Product Family
IBC=IntermediateBusConverter
2nd Generation
OutputVoltage
96=9.6V
InputVoltage
48=48V
Form Factor
Q=Quarter-Brick
Package,BodyHeight
E=Open-Frame,0.48in(12.2mm)
PinLengthOptions
Blank=0.188”(4.78mm)
N=0.145”(3.68mm)
K=0.110”(2.79mm)
Notes
1 Recommendedinputfusingisa20AHRC250Vratedfuse.
2 Measuredwithexternalfilter.SeeApplicationNote209fordetails.
3 Start-upintoresistiveload.
4 PeaktopeakmeasuredwithoutexternalPifilter.Significantreduction
possiblewithexternalfilter.SeeApplicationNote209fordetails.
5 Thisproductisonlyforinclusionbyprofessionalinstallerswithinother
equipmentandmustnotbeoperatedasastandaloneproduct.
6 Active-lowremoteON/OFFoptionisalsoavailable.Pleaseaddthesuffix‘-R’
tothepartnumber,e.g.IBC60AQN4896-REJ.
7 Maximumoutputpoweratmaximuminputvoltage.
8 Efficiencyat100%maximumoutputvoltage.
9 Afteraninputovervoltagelatchoff,theinputvoltagemustbereturnedto55
Vorlowerforunittorestart.
CAUTION:Hazardousinternalvoltagesandhightemperatures.
Ensurethatunitisnotuseraccessible.
OrderingInformation
OrderingInformation
Output
Power
(Max.)
Input
Voltage
Output
Voltage
Output
Current
(min.)
Output
Current
max.)
Efficiency
(typ)
Regulation
ModelNumbers
Set Point
Accuracy
Line%
Load%
642W
38-55Vdc
9.6V
0A
60A
97%
--
32.5%
2.5%
IBC60AQN4896J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com