Electronic Components Datasheet Search
  English  ▼

X  

TLMP3102 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMP3102
Description  SMD LED in P-LCC-2 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP3102 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMP3102 Datasheet HTML 1Page - Vishay Siliconix TLMP3102 Datasheet HTML 2Page - Vishay Siliconix TLMP3102 Datasheet HTML 3Page - Vishay Siliconix TLMP3102 Datasheet HTML 4Page - Vishay Siliconix TLMP3102 Datasheet HTML 5Page - Vishay Siliconix TLMP3102 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLMP3102
Vishay Telefunken
1 (6)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83091
SMD LED in P–LCC–2 Package
Color
Type
Technology
Angle of Half Intensity
±ö
Pure green
TLMP3102
GaP on GaP
60
°
Description
These devices have been designed for applications
requiring narrow brightnes selection.
The package of the TLMP3102 is the P–LCC–2
(equivalent to a size B tantalum capacitor).
It consists of a lead frame which is surrounded with
a white thermoplast. The reflector inside this package
is filled up with clear epoxy.
Features
D SMD LED with exceptional brightness
D Luminous intensity categorized
D Color categorized
D Compatible with automatic placement equip-
ment
D EIA and ICE standard package
D Compatible with infrared, vapor phase and
wave solder processes according to CECC
D Available in 8 mm tape
D Low profile package
D Non-diffused lens: excellent for coupling to light
pipes and backlighting
D Low power consumption
D Luminous intensity ratio in one packaging unit
IVmax/IVmin x 1.6
94 8553
Applications
Automotive: backlighting in dashboards and switches
Telecommunication: indicator and backlighting in telephone and fax
Indicator and backlight for audio and video equipment
Indicator and backlight in office equipment
Flat backlight for LCDs, switches and symbols
General use


Similar Part No. - TLMP3102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP3102 VISHAY-TLMP3102 Datasheet
306Kb / 10P
Vishay Semiconductors
31-Aug-04
TLMP3102 VISHAY-TLMP3102 Datasheet
133Kb / 11P
Standard SMD LED PLCC-2
12-Sep-07
More results

Similar Description - TLMP3102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMB310 VISHAY-TLMB310 Datasheet
78Kb / 6P
SMD LED in P-LCC-2 Package
13-Jul-99
TLMG3101 VISHAY-TLMG3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMG3105 VISHAY-TLMG3105 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3100 VISHAY-TLMH3100 Datasheet
121Kb / 12P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3101 VISHAY-TLMH3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3102 VISHAY-TLMH3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMO3101 VISHAY-TLMO3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMY3101 VISHAY-TLMY3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMY3102 VISHAY-TLMY3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMS310 VISHAY-TLMS310 Datasheet
102Kb / 6P
SMD LED in P-LCC-2 Package
04-Jul-02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com