Electronic Components Datasheet Search
  English  ▼

X  

LTM8021 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8021
Description  36VIN, 500mA Step-Down DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology LTM8021 Datasheet HTML 13Page - Linear Technology LTM8021 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTM8021
10
8021fb
APPLICATIONS INFORMATION
Figure 2. To Soft-Start the LTM8021, Add a
Resisitor and Capacitor to the RUN/SS Pin
Soft-Start
The RUN/SS pin can be used to soft-start the LTM8021,
reducing the maximum input current during start-up.
The RUN/SS pin is driven through an external RC filter
to create a voltage ramp at this pin. Figure 2 shows the
soft-start circuit. By choosing a large RC time constant,
the peak start-up current can be reduced to the current
that is required to regulate the output, with no overshoot.
Choose the value of the resistor so that it can supply 80μA
when the RUN/SS pin reaches 2V.
Figure 3. The Input Diode Prevents a Shorted Input from
Discharging a Backup Battery Tied to the Output. It Also Protects
the Circuit from a Reversed Input. The LTM8021 Runs Only When
the Input is Present
VOUT
VIN
RUN/SS
BIAS
GND
LTM8021
8021 F03
VOUT
RADJ
COUT
RT
VIN
4V TO 36V
CIN
Shorted Input Protection
Care needs to be taken in systems where the output will
be held high when the input to the LTM8021 is absent.
This may occur in battery charging applications or in
battery backup systems where a battery or some other
supply is diode ORed with the LTM8021’s output. If the
VIN pin is allowed to float and the RUN/SS pin is held high
(either by a logic signal or because it is tied to VIN), then
the LTM8021’s internal circuitry will pull its quiescent
current through its internal power switch. This is fine if
your system can tolerate a few milliamps in this state. If
the RUN/SS pin is grounded, the internal power switch
current will drop to essentially zero. However, if the VIN pin
is grounded while the output is held high, then parasitic
diodes inside the LTM8021 can pull large currents from
the output through the internal power switch and the VIN
pin. Figure 3 shows a circuit that will run only when the
input voltage is present and that protects against a shorted
or reversed input.
8021 F02
RUN/SS
GND
0.22μF
RUN
15k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com