Electronic Components Datasheet Search
  English  ▼

X  

TLMT3100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLMT3100
Description  Low Current SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMT3100 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLMT3100 Datasheet HTML 1Page - Vishay Siliconix TLMT3100 Datasheet HTML 2Page - Vishay Siliconix TLMT3100 Datasheet HTML 3Page - Vishay Siliconix TLMT3100 Datasheet HTML 4Page - Vishay Siliconix TLMT3100 Datasheet HTML 5Page - Vishay Siliconix TLMT3100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLMT3100
Vishay Telefunken
2 (6)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83041
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLMT3100
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
DC forward current
IF
7
mA
Surge forward current
tp ≤ 10 ms
IFSM
0.5
A
Power dissipation
Tamb ≤ 90°C
PV
20
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–40 to +100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction/ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
500
K/W
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
High efficiency red (TLMT3100 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 2 mA
IV
0.25
2.5
mcd
Dominant wavelength
IF = 2 mA
ld
612
625
nm
Peak wavelength
IF = 2 mA
lp
635
nm
Angle of half intensity
IF = 2 mA
ϕ
±60
deg
Forward voltage
IF = 2 mA
VF
2.2
2.9
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
20
406080
0
5
10
15
20
25
Tamb – Ambient Temperature ( °C )
100
95 10841
Figure 1 Power Dissipation vs. Ambient Temperature
0
20
406080
0
2
4
6
8
10
Tamb – Ambient Temperature ( °C )
100
95 10842
Figure 2 Forward Current vs. Ambient Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com