Electronic Components Datasheet Search
  English  ▼

X  

R072 Datasheet(PDF) 1 Page - celduc-relais

Part # R072
Description  REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

R072 Datasheet(HTML) 1 Page - celduc-relais

  R072 Datasheet HTML 1Page - celduc-relais R072 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1 / 2 F/GB
R/MER/R072.P0./B/28/08/2001
r
e
l
a
i
s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Proud to serve you
celduc
Pour circuit imprimé/
For printed circuit board
2 contacts inverseurs mercure/
2 change over mercury contacts
Sous capot métal/ In metal cover
Fonctionnement vertical / vertical operating position ± 30°
caractéristiques de contrôle/control data
35,56
40,8
Ø0,6
30,48
2,54
2,54
19,8
HAUT/ UP
+
-
dimensions en mm /
dimensions in mm
REF.
R0866
R0720 R0721
tension max/ maximum voltage (V)
7
18
30
tension nominale/ nominal voltage (V)
5
12
24
tension d'action/ operate voltage to secure the function from -40 to + 85 °C (V)
2,8
5,8
13
tension de relachement/ release voltage (V)
0,4
1
2
consommation nominale à 20 °C/power dissipated on the coil at 20 °C (mW)
200
400
720
caractéristisques principales/
main characteristics
tension maximale de commutation/
500 VDC ou crête
maximum switching voltage
(or peak)
courant maximal de commutation /
2A
maximum switching current
courant traversant/
nominal current
5A max
puissance maximale/ contact rating
100 VA
matériau de contact/ contact material
mercure
bornage : vue de dessus pas de 2,54 mm
wiring : top view step 2,54 mm
REF.
Marquage/Marking
R0720P00
133 R12 720
R0721P00
133 R24 721
R0866P06
133 R05 866 A
R0866P15
133 R05 866 AN1
RELAIS REED A 2 CONTACTS INVERSEURS MERCURE /
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
R0866 P . .
R072 . P00


Similar Part No. - R072

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R072000 E-SWITCH-R072000 Datasheet
21Kb / 1P
ALL DIMENSIONS IN MM [INCH]
R072001 E-SWITCH-R072001 Datasheet
20Kb / 1P
ALL DIMENSIONS IN MM [INCH]
R072002 E-SWITCH-R072002 Datasheet
20Kb / 1P
ALL DIMENSIONS IN MM [INCH]
R072003 E-SWITCH-R072003 Datasheet
20Kb / 1P
ALL DIMENSIONS IN MM [INCH]
R072004 E-SWITCH-R072004 Datasheet
20Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - R072

ManufacturerPart #DatasheetDescription
logo
celduc-relais
F72C CELDUC-F72C Datasheet
144Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
F81A CELDUC-F81A Datasheet
137Kb / 2P
REED RELAY / MERCURY CONTACT
IBXXXXX CELDUC-IBXXXXX Datasheet
70Kb / 1P
TIP OVER SWITCH- NO MERCURY CONTACTS
R025 CELDUC-R025 Datasheet
157Kb / 2P
REED RELAY / CHANGE OVER DRY CONTACT
R0583 CELDUC-R0583 Datasheet
96Kb / 2P
REED RELAY / BISTABLE CHANGE OVER DRY CONTACT
R0861 CELDUC-R0861 Datasheet
147Kb / 2P
REED RELAY / 1 CHANGE OVER MERCURY CONTACT
logo
American Electronic Com...
4770 AEC-4770 Datasheet
164Kb / 1P
Tip Over Switch ??Mercury
T03-1002 AEC-T03-1002 Datasheet
178Kb / 1P
Tip Over Switch . Mercury
T03-1016 AEC-T03-1016 Datasheet
178Kb / 1P
Tip Over Switch ??Mercury
T03-1054 AEC-T03-1054 Datasheet
182Kb / 1P
Tip Over Switch ??Mercury
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com