Electronic Components Datasheet Search
  English  ▼

X  

TLRH4400 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLRH4400
Description  Resistor LED for 12 V Supply Voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRH4400 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLRH4400 Datasheet HTML 1Page - Vishay Siliconix TLRH4400 Datasheet HTML 2Page - Vishay Siliconix TLRH4400 Datasheet HTML 3Page - Vishay Siliconix TLRH4400 Datasheet HTML 4Page - Vishay Siliconix TLRH4400 Datasheet HTML 5Page - Vishay Siliconix TLRH4400 Datasheet HTML 6Page - Vishay Siliconix TLRH4400 Datasheet HTML 7Page - Vishay Siliconix TLRH4400 Datasheet HTML 8Page - Vishay Siliconix TLRH4400 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLR.440.
Vishay Telefunken
1 (10)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83044
Resistor LED for 12 V Supply Voltage
Color
Type
Technology
Angle of Half Intensity
±ö
High efficiency red
TLRH4400
GaAsP on GaP
30
°
Soft orange
TLRO4400
GaAsP on GaP
30
°
Yellow
TLRY4400
GaAsP on GaP
30
°
Green
TLRG4400
GaP on GaP
30
°
Pure green
TLRP4400
GaP on GaP
30
°
Description
These devices are developed for the automotive
industry and other industries which use 12 V sources.
The TLR.440. series contains an integrated resistor for
current limiting in series with the LED chip. This allows
the lamp to be driven from a 12 V source without an ex-
ternal current limiter.
Available colors are red, soft orange, yellow, green and
pure green. The luminous intensity of such an LED is
measured at constant voltage of 12 V.
These tinted diffused lamps provide a wide off-axis
viewing angle.
These
LEDs
are
intended
for
space
critical
applications such as automobile instrument panels,
switches and others which are driven from a 12 V
source.
Features
D With current limiting resistor for 12 V
D Cost effective: save space and resistor cost
D Standard ø 3 mm (T-1) package
D Wide viewing angle
D Choice of five bright colors
D Luminous intensity categorized
D Yellow and green color categorized
D Luminous intensity and color are measured at 12
V
94 8488
Applications
Status light in cars and other applications with a 12 V source
OFF / ON indicator in cars and other applications with a 12 V source
Background illumination for switches
Off / On indicator in switches


Similar Part No. - TLRH4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRH4400CU VISHAY-TLRH4400CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
More results

Similar Description - TLRH4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRE4200 VISHAY-TLRE4200 Datasheet
70Kb / 5P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRH4420 VISHAY-TLRH4420 Datasheet
107Kb / 9P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRP4900 VISHAY-TLRP4900 Datasheet
71Kb / 5P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRE4406 VISHAY-TLRE4406 Datasheet
135Kb / 5P
Resistor LED for 12 V Supply Voltage
21-Jun-04
TLRH4450 VISHAY-TLRH4450 Datasheet
70Kb / 7P
Resistor LED for 5 V Supply Voltage
04-Feb-99
TLRG4420CU VISHAY-TLRG4420CU Datasheet
1Mb / 8P
Resistor LED for 12 V Supply Voltage
24-Apr-13
TLRH440.CU VISHAY-TLRH440.CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
TLRP4900CU VISHAY-TLRP4900CU Datasheet
675Kb / 6P
With current limiting resistor for 12 V
24-Apr-13
TLRE4200 VISHAY-TLRE4200_V01 Datasheet
522Kb / 5P
Resistor LED for 12 V Supply Voltage
24-Apr-13
TLRE4406 VISHAY-TLRE4406_V01 Datasheet
111Kb / 5P
Resistor LED for 12 V Supply Voltage
24-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com