Electronic Components Datasheet Search
  English  ▼

X  

SIL15C Datasheet(PDF) 3 Page - Emerson Network Power

Part # SIL15C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL15C Datasheet(HTML) 3 Page - Emerson Network Power

  SIL15C Datasheet HTML 1Page - Emerson Network Power SIL15C Datasheet HTML 2Page - Emerson Network Power SIL15C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL15C Series
5 Vin and 12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
3
NEW Product
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note  Longform Datasheet
www.artesyn.com
Mechanical
Support
Pin 2 places
0.150
(3.81) Ref
0.120
(3.05)
13 places
1.200
(30.48)
Pin 1
Pin 11
0.062
(1.57) Ref
0.475
±0.025
(12.08
±0.64)
0.260
±0.015
(6.70
±0.40)
1.100
(27.94)
1.050
(26.67)
0.100
(2.54)
9 places
0.150
(3.81)
0.050
(1.27)
2 places
All dimensions in inches (mm)
General tolerance
±0.01in (±0.25mm)
except where specified otherwise
0.025
±0.001
(0.64) Typ.
±0.025
Figure 1: Mechanical Drawing - Horizontal Mount Version
0.40
±0.025
(10.186
±0.635)
All dimensions in inches (mm)
General tolerance
±0.01in (±0.25mm)
except where specified otherwise
0.26
±0.015
(6.704
±0.381)
0.062
(1.57) Ref
0.075
(1.91)
1.200
(30.48)
0.025
±0.001
(0.64) Typ
±0.025
Pin 11
Pin 1
0.050
(1.27) Typ
1.050
(26.67)
0.100
(2.54)
9 Places
0.150
(3.81)
0.050
(1.27)
0.025
±0.001
(0.64) Typ.
±0.025
Figure 2: Mechanical Drawing - Vertical Mount Version
File Name: sil15c.pdf Rev (05): 13 Dec 2005
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
Vout
2
Vout
3
Vout
4
Trim
5
Remote ON/OFF
6
Power Good
7
Ground
8
Ground
9
Reserved
10
Vin
11
Vin
12
Mechanical support
(horizontal version only)
13
Mechanical support
(horizontal version only)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com