Electronic Components Datasheet Search
  English  ▼

X  

SIL20C2 Datasheet(PDF) 2 Page - Emerson Network Power

Part # SIL20C2
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL20C2 Datasheet(HTML) 2 Page - Emerson Network Power

  SIL20C2 Datasheet HTML 1Page - Emerson Network Power SIL20C2 Datasheet HTML 2Page - Emerson Network Power SIL20C2 Datasheet HTML 3Page - Emerson Network Power SIL20C2 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIL20C2 Series
4.5 Vin to 13.8 V Single Output
File Name: sil20c2.pdf Rev: 19 Feb 2006
PRELIMINARY DATA SHEET
February 19, 2005
Notes
1 Measured as per recommended system capacitance.
2 di/dt = 10 A/µs, Vin = Nom, Tc = 25 °C, load change = 0.75 lo to
full lo and full lo to 0.75.
3 External input fusing is recommended.
4 Additional part numbers may be available with different output
voltages.
5 Airflow dependent, 100 LFM minimum required.
6 No capacitor needed for ripple current capability.
7 No capacitor needed for stability.
8 TSE RoHS 5/6 (non Pb-free) compliant versions may be available
on special request, please contact your local sales representative
for details.
9 NOTICE: Some models may not support all options. Please
contact your local Artesyn representative or use the on-line model
number search tool at http://www.artesyn.com/powergroup/
products.htm to find a suitable alternative.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT CURRENT
(TYP.)
LINELOAD
NUMBER(8,9)
(MAX.)
(MIN.)
(MAX.)
100 W
4.5-13.8 Vdc
N/A
0.59-5.1 V
0 A
20 A
93%
±0.2%
±0.5%
SIL20C2-00SADJ-VJ
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NEW Product
DC-DC CONVERTERS
C Class Non-isolated
Preliminary Data - subject to change without notice
2
Part Number System with Options
ProductFamily
SIL = Single In Line
SMT = Surface Mount
RatedOutputCurrent
06 = 6 A
15 = 15 A
20 = 20 A
30 = 30 A
40 = 40 A
InputVoltage
00 = 4.5-13.8 V
Performance
C = Cost Optimized
The ultra-wide output voltage trim range offers major advantages to users
who select the SIL20C2. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can
be trimmed in a range of 0.59-5.1 V. When the SIL20C2 converter leaves the
factory, the ouput has been adjusted to the default voltage of 0.59 V.
OutputVoltageAdjustmentoftheSIL20C2Series
MountingOption
V = Vertical
H = Horizontal
OutputVoltage
Single Adjustable Output
Generation
Blank = Standard Part
2 = Increased Current Density
S I L 2 0 C 2 - 0 0 S A D J - V J
RoHSCompliance(8)
J = Pb-free (RoHS 6/6 compliant)
3
6
4
7
5
8
1
2
SIL20C2
Enable
Vin
GND
Rtrim
(for trim
down)
Cout
R
L
O
A
D
Power Good
Vout
+Rsense
-Rsense
Cin
Figure1:StandardApplicationDrawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com