Electronic Components Datasheet Search
  English  ▼

X  

SIL25C Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIL25C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL25C Datasheet(HTML) 1 Page - Emerson Network Power

  SIL25C Datasheet HTML 1Page - Emerson Network Power SIL25C Datasheet HTML 2Page - Emerson Network Power SIL25C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS
C Class Non-isolated
1
2 YEAR WARRANTY
SIL25C Series
12 Vin single negative output
• 25 A current rating
• Input voltage range: 10.2 Vdc to 13.8 Vdc
• nominal output voltage: -5.05 Vdc
• Industry leading value
• Cost optimized design
• Excellent transient response
• Output Voltage adjustability
• Supports silicon voltage migration
• Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of 3 million hours
per Telcordia SR-332
• Available RoHS compliant
The SIL25C Series is a new high density non-isolated dc-dc converter. The converter has
a wide input range (10.2 Vdc to 13.8 Vdc) and offers a -4.5 Vdc to -5.5 Vdc output voltage
range with a 25 A load. The series offers remote ON/OFF, overtemperature protection and
overcurrent protection as standard. The remote sense feature enables the SIL25C
compensate for voltage drops between the converters output and the load. With full
international safety approvals including EN60950 and UL/cUL60950 the SIL25C reduces
compliance costs and time to market.
NEW Product
File Name: sil25c_12_neg.pdf Rev (02): 16 Dec 2005
International Safety Standard Approvals (pending)
UL/cUL CAN/CSA 22.2 No. TBD
UL60950 File No. TBD
TÜV Product Service (EN60950) Certificate No. TBD
CB report and certificate to TBD
INPUT SPECIFICATIONS (CONTD.)
Turn ON threshold
10 Vdc
Turn OFF threshold
9.5 Vdc
GENERAL SPECIFICATIONS
Efficiency
90%
Switching frequency
Fixed (2 phase) 250 kHz typ. per phase
Approvals and
(See Note 7)
TÜV Product Services
standards (pending)
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
28.3 g (1 oz)
MTBF
Telcordia SR-332
3,000,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +80 ºC
(See Note 8)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Hiccup, non-latching
Over-temperature
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 9)
3 x 270 µF
Output capacitance
(See Note 9)
3 x 680 µF
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 1)
-4.5 Vdc to -5.5 Vdc
Output setpoint accuracy Using 1.0% trim resistors
±3.0%
Line regulation
Low line to high line
±1.0% max.
Load regulation
Full load to min. load
±1.0% max.
Min./max. load
0 A/25 A
Ripple and noise
(See Note 2)
100 mV pk-pk
5 Hz to 20 MHz
50 mV rms
Transient response
Deviation
75 mV typ.
(See Note 3)
150 µs recovery to
within regulation band
INPUT SPECIFICATIONS
Input voltage range
Nominal 12 V
10.2-13.8
+Vdc
Input current
No load
400 mA
Remote OFF
30 mA
Input current (max.)
(See Note 4)
14.2 A max. @ Io max.
and Vin = 10.8 V
Input reflected ripple
(See Note 2)
300 mA (pk-pk)
Remote ON/OFF
Logic compatibility
Logic high
ON
>2.4 Vdc
OFF
<1.2 Vdc
Start-up time
Power up
<10 ms
(See Note 5)
Remote ON/OFF
<10 ms
All specifications are typical at nominal input, full load at 25 °C ambient unless otherwise stated
SPECIFICATIONS


Similar Part No. - SIL25C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
Single negative output 25 A DC-DC Converter C Class Non-Isolated
logo
Advanced Energy Industr...
SIL25C ADVANCEDENERGY-SIL25C Datasheet
402Kb / 5P
C-Class Non-Isolated
More results

Similar Description - SIL25C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com