Electronic Components Datasheet Search
  English  ▼

X  

SMT05E Datasheet(PDF) 3 Page - Emerson Network Power

Part # SMT05E
Description  non-isolated dc-dc converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT05E Datasheet(HTML) 3 Page - Emerson Network Power

  SMT05E Datasheet HTML 1Page - Emerson Network Power SMT05E Datasheet HTML 2Page - Emerson Network Power SMT05E Datasheet HTML 3Page - Emerson Network Power SMT05E Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.06.26.07
smt05e_12
3 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
Notes
1
The SMT05E features an ‘Positive Logic’ Remote ON/OFF operation. If not
using the Remote ON/OFF pin, leave the pin open (the converter will be on).
The Remote ON/OFF pin is referenced to ground.
The following conditions apply for the SMT05E:
Configuration
Converter Operation
Remote pin open circuit
Unit is ON
Remote pin pulled low [Von/off <0.8 V]
Unit is OFF
Remote pin pulled high [Von/off >1.6 V]
Unit is ON
An ‘Negative Logic’ Remote ON/OFF version is also possible with this
converter. To order please place the suffix ‘-R’ at the end of the model numer,
e.g. SMT05E-12W3V3-RJ.
2
Full derating curves available in both the Longform Datasheet and
Application Note.
3
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
4
NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(3,4)
(MAX.)
(MIN.)
(MAX.)
16.5 W
10-14 Vdc
0.8-3.63 Vdc
0 A
5 A
91%
±0.2%
±1.0%
SMT05E-12W3V3J
SMT05E -12W3V3- TJ
Part Number System with Options
Product Family
SMT = Surface Mount
Rated Output Current
05 = 5 Amps
Type of Output
S = Single
W = Wide
Output Voltage
0.8 Vdc to 3.63 Vdc
Performance
E = Enhanced Performace
The ultra-wide output voltage trim range offers major advantages to users who
select the SMT05E-12W3V3J. It is no longer necessary to purchase a variety of
modules in order to cover ddcifferent output voltages. The output voltage can be
trimmed in a range of 0.8 Vdc to 3.63 Vdc. When the SMT05E-12W3V3J converter
leaves the factory the output has been adjusted to the default voltage of 0.8 V.
Output Voltage Adjustment of the SMT05E-12W3V3J Series
Input Voltage
12 = 10 Vdc to 14 Vdc
Packaging Options (3)
No ‘-T’ Suffix = Pb-free RoHS 6/6 compliant
parts in trays e.g SMT30E-12W3V3J
-TJ = Pb-free RoHS 6/6 compliant part in Tape
and Reel e.g SMT30E-12W3V3-TJ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com