Electronic Components Datasheet Search
  English  ▼

X  

SMT15C Datasheet(PDF) 3 Page - Emerson Network Power

Part # SMT15C
Description  new high density open-frame, non-isolated converter for space sensitive applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT15C Datasheet(HTML) 3 Page - Emerson Network Power

  SMT15C Datasheet HTML 1Page - Emerson Network Power SMT15C Datasheet HTML 2Page - Emerson Network Power SMT15C Datasheet HTML 3Page - Emerson Network Power SMT15C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.06.25.07
SMT15C
3 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input Vin = 12 V, full load at 25
°C unless otherwise stated.
Specifications
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(12,13)
(MAX.)
(MIN.)
(MAX.)
50 W
4.5-5.5 Vdc
0.9-3.3 Vdc
0 A
15 A
89%
±0.2%
±0.5%
SMT15C-05SADJJ
75 W
10.2-13.8 Vdc
0.9-5.0 Vdc
0 A
15 A
91%
±0.2%
±0.5%
SMT15C-12SADJJ
SMT15C -12S AD JJ
Part Number System with Options
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SMT = Surface Mount
Performance
C = Cost Optimized
Input Voltage
05 = 4.5 Vdc to 5.5 Vdc
12 = 10.2 Vdc to 13.8 Vdc
The ultra-wide output voltage trim range offers major advantages to users who
select the SMT15C series. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SMT15C series converter
leaves the factory the output has been adjusted to the default voltage of 0.9 V.
Output Voltage Adjustment of the SMT15C Series
Packaging Options(12)
J = Pb-free (RoHS 6/6 compliant)
Rated Output Current
15 = 15 A
Notes
1
di/dt = 10 A/μs, Vin = Nom, Tc = 25
ºC, load change = 0.50 lo max. to 0.75 lo
max, and vice versa.
2
Measured with external filter. See Application Note 169 for details.
3
Power up is the time from application of dc input to POWER GOOD high.
Remote ON/OFF asserted high to POWER GOOD high.
4
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
5
Reserved.
6
Measured as per recommended set-up. Cin = 270 μF (20m
W ESR max.), Cout
= 680 μF (10 m
W ESR max.).
7
Uses external resistor from TRIM to ground. See Application Note 169 for
details. Minimum value 485 μF for 5 V model, 280 μF for 12 V model.
8
Signal line assumed <3 m in length.
9
External input fusing recommended.
10 See Application Note 169 for operation above 50
ºC.
11 See Application Note 169 for more details.
12 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
13 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
Ripple and Noise Specification
Output
Model
Voltage
Pk - Pk
RMS
5 V input models
0.9 Vdc to 2.5 Vdc
30 mV
15 mV
3.3 Vdc
40 mV
15 mV
12 V input models
0.9 Vdc to 2.5 Vdc
50 mV
25 mV
3.3 Vdc to 5 Vdc
50 mV
25 mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com