Electronic Components Datasheet Search
  English  ▼

X  

SMT15E Datasheet(PDF) 3 Page - Emerson Network Power

Part # SMT15E
Description  non-isolated dc-dc converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT15E Datasheet(HTML) 3 Page - Emerson Network Power

  SMT15E Datasheet HTML 1Page - Emerson Network Power SMT15E Datasheet HTML 2Page - Emerson Network Power SMT15E Datasheet HTML 3Page - Emerson Network Power SMT15E Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.06.26.07
SMT15E_05
3 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
Notes
1
When Vin ≥ 4.5 V, then Vout can be adjusted from 0.8 Vdc to 3.6 Vdc. When Vin < 4.5 V, then
Vout can be adjusted from 0.8 Vdc to 2.75 Vdc.
2
The SMT15E features a ‘Negative Logic’ Remote ON/OFF operation. If
not using the Remote ON/OFF pin, leave the pin open (the converter will be on). The Remote
ON/OFF pin is referenced to ground.
The following conditions apply for the SMT15E:
ConfigurationConverter Operation
Remote pin open circuit
Unit is ON
Remote pin pulled low
Unit is ON
Remote pin pulled high [Von/off >1.2 V]
Unit is OFF
A ‘Positive Logic’ Remote ON/OFF version is also possible with this converter. To order please place
the suffix ‘-R’ at the end of the model number, e.g. SMT15E-05S3V3-RJ.
3
Full derating curves available in both the Longform Datasheet and Application Note 136.
4
When the unit is trimmed down to 0.8 V, the efficiency is 82.5%
5
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please
contact your local sales representative for details.
6
NOTICE: Some models do not support all options. Please contact your local Artesyn representative
or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable alternative.
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(5,6)
(MAX.)
(MIN.)
(MAX.)
41.25 W
3.0-5.5 Vdc
2.5 Vdc
0 A
15 A
93.5%
±0.2%
±1.0%
SMT15E-05S2V5J
54.45 W
4.5-5.5 Vdc
3.3 Vdc
0 A
15 A
95%
±0.2%
±1.0%
SMT15E-05S3V3J
54.45 W
3.0-5.5 Vdc
0.8-3.63 Vdc
0 A
15 A
95% (4)
±0.2%
±1.0%
SMT15E-05W3V3J
SMT15E -05W3V3- TJ
Part Number System with Options
Product Family
SMT = Surface Mount
Rated Output Current
15 = 15 Amps
Type of Output
S = Single
W = Wide
Output Voltage
0.8 Vdc to 3.63 Vdc
Performance
E = Enhanced Performace
Input Voltage
05 = 3.0 Vdc to 5.5 Vdc
The ultra-wide output voltage trim range offers major advantages to users who
select the SMT15E-05W3V3J. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.8 Vdc to 3.63 Vdc. When the SMT15E-05W3V3J converter
leaves the factory the output has been adjusted to the default voltage of 3.3 V.
• When Vin ≥ 4.5 V, then Vout can be adjusted from 0.8 Vdc to 3.6 Vdc
• When Vin < 4.5 V, then Vout can be adjusted from 0.8 Vdc to 2.75 Vdc
Output Voltage Adjustment of the SMT15E-05W3V3J Series
Packaging Options (5)
No ‘-T’ Suffix = Pb-free RoHS 6/6 compliant
parts in trays e.g SMT15E-05W3V3J
-TJ = Pb-free RoHS 6/6 compliant part in Tape
and Reel e.g SMT15E-05W3V3-TJ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com