Electronic Components Datasheet Search
  English  ▼

X  

SXE15 Datasheet(PDF) 2 Page - Emerson Network Power

Part # SXE15
Description  DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SXE15 Datasheet(HTML) 2 Page - Emerson Network Power

  SXE15 Datasheet HTML 1Page - Emerson Network Power SXE15 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tolerence:
±.015 (±.38)
Recommended Land & Hole Pattern
1.575 (40.01)
0.197 (5.00)
0.394 (10.01)
ø0.063 (ø1.60)
1.200 (30.48)
0.161 (4.09)
0.125 (3.18)
1.812 (46.02)
0.130 (3.30)
0.047 (1.18)
1.812 (46.02)
1.575 (40.01)
1.885 (47.88)
0.070 (1.78) MAX
1.812 (46.03)
0.335 (8.51) MAX
0.010 (0.25) MIN
1.905 (48.39)
1.390 (35.31)
1.150 (29.21)
leadframe length
overall length
BOTTOM VIEW
SIDE VIEW
TOP VIEW
ø.050 (ø1.27)
Non-Skid Retaining Pins,
2 Places
1
0.477 (12.11)
0.502 (12.75)
0.053 (1.36)
All Dimensions in Inches [mm]
0.069 (1.74)
0.197 (5.00)
0.394 (10.01)
1.181 (30.00)
1.378 (35.00)
0.100 (2.54)
12 places
0.063 (1.60)
0.053 (1.36)
1.181 (30.00)
1.378 (35.00)
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
N
No
otte
es
s
1
Measured as per recommended set-up. See Application Note 116 for details.
2
di/dt = 0.1 A/µs, Vin = 48 Vdc, Tc = 25 °C, load change = 0.5 lo max. to
0.75 lo max. and 0.75 lo max. to 0.5 lo max.
3
The SXE15 meets level A and level B conducted emissions only with
external components connected before the input pins to the converter.
See Application Note 116 for details.
4
Recommended input fusing is a 2 A HRC 200 V rated fuse.
5
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
6
Measured with external Pi filter. See Application Note 116 for further details.
7
Start-up into resistive load.
8
Active low remote on/off is available. Standard product is active high.
Designate with the Suffix ‘-R’ e.g. SXE15-48S05-RJ.
9
Operating ambient temperatures are specified at natural convection.
Higher operating temperatures are possible with increased airflow.
See Application Note 116 for further details.
10 SXE15-48S12J below 0.2 A loading. OVP is TVS and 17 V typical.
11 Signal line assumed < 3 m in length.
12 A 5% minimum load is required to maintain the output voltage regulation
over all operating conditions for the SXE15-48S12J.
13 This parameter is calculated at worst case line, load,
temperature and initial settings.
14 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
15 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PROTECTION
Short circuit
Continuous
Overvoltage
Latching clamp
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2, input voltage
and current requirements
PIN CONNECTIONS
PIN NUMBER
FEATURE
1
Vout +
2
Vout -
3
N/C
4
Trim
5
N/C
6
N/C
7
N/C
8
On/Off
9
N/C
10
N/C
11
Vin -
12
Vin +
SXE15 Series
Single output
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
2
Please consult our website for the following items:
 Application Note  Longform Data Sheet
www.artesyn.com
International Safety Standard Approvals
UL/cUL 1950 3rd edition. File No. E135734
TÜV
TÜV Rheinland. File No. 10401-3336-35841. Licence No. 40004290
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(8,14,15)
(MAX.)
(MIN.)
(MAX.)
10.8 W
33-75 Vdc
2.3 Vdc
1.8 V
0 A
6 A
83%
0.3%
2.0%
SXE15-48S1V8J
15 W
33-75 Vdc
3.2 Vdc
2.5 V
0 A
6 A
85%
0.3%
1.5%
SXE15-48S2V5J
15 W
33-75 Vdc
4 Vdc
3.3 V
0 A
4.5 A
86%
0.1%
0.5%
SXE15-48S3V3J
15 W
33-75 Vdc
6 Vdc
5 V
0 A
3 A
87%
0.1%
0.5%
SXE15-48S05J
15 W
33-75 Vdc
15 Vdc (10)
12 V
0 A
1.25 A
85%
0.1%
0.5%
SXE15-48S12J
File Name: sxe15s.pdf Rev (02): 08 Dec 2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com