Electronic Components Datasheet Search
  English  ▼

X  

SC800010 Datasheet(PDF) 1 Page - celduc-relais

Part # SC800010
Description  Power Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SC800010 Datasheet(HTML) 1 Page - celduc-relais

  SC800010 Datasheet HTML 1Page - celduc-relais SC800010 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC800010
5-30VDC control
25A/400VAC output
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PP
P
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
Application typique/Typical application
• 24-520VAC -25A Zero-Cross AC Output.
• PCB terminals
• Designed for all types of loads.
• Sortie AC synchrone : 24-520VAC-25A
• Connectique par picots pour circuit imprimé
• Adapté à tout type de charges
page 1 /2 F/GB
S/MON/SC8000100/A/28/11/2000
Caractéristiques de commande (à 20
°C) / Control characteristics (at 20
°C)
DC
Paramètre / Parameter
Symbol
Min
Nom
Max
Unit
Tension de commande / Control voltage
Uc
5
30
V
Courant de commande / Control current (@ Uc )
Ic
3
30
mA
Tension de relachement/Release voltage
Uc off
1
V
Résistance interne / Input internal resistor
fig.1
Rc
1000
Ω
Tension inverse / Reverse voltage
Urv
30
V
Caractéristiques d'entrée-sortie (à 20
°C) / Input-output characteristics (at 20
°C)
Isolement entrée-sortie/Input-output isolation @500m
Ui
4000
VRMS
Isolement sortie-semelle/Output-case isolation @500m
Ui
2500
VRMS
Tension assignée isolement/ Rated impulse voltage
Uimp
4000
V
Caractéristiques générales / General characteristics
Paramètre / Parameter
Conditions
Symbol
Typ.
Unit
Poids/Weight
90
g
Plage de température de stockage / Storage temperature range
-40 / +100
°C
Plage de température de fonctionnement/Operating temperature range
-40 / +100
°C
fig1 : Caractéristique d'entrée / Control characteristic
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
Uc (V)
Relais statique monophasé de puissance
Power Solid State Relay
celduc
r
e
l
a
i
s
19,6
6
±0,2
±0,1
3
±0,35
23,6
±0,35
26,6
±0,35
3
25,4
±0,2
Ø4,7
±0,1
28
±0,2
1,3
8,3
±0,2
*
44,5
+0,2
Entrée
control
5-30VDC
24-520VAC
-
+
* 1-2 peuvent être inversées/ 1 -2 can be changed
* le relais doit être monté sur dissipateur thermique /
SSR must be mounted on a heatsink
CHARGE/LOAD
protection
réseau
line protection
4-
3+
1
2
fig. 1 :Caractéristique d'entrée /
Control characteristic
Dimensions/Size


Similar Part No. - SC800010

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC800 SWITCH-SC800 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
ZKTECO CO., LTD. All ri...
SC800 ZKTECO-SC800 Datasheet
687Kb / 2P
Design With Simplicity Multi-Tech Card Access Control Terminal
V1.4 12/28/2023
logo
SHENZHEN FUMAN ELECTRON...
SC8002B FUMAN-SC8002B Datasheet
471Kb / 6P
3W audio power amplifier IC
logo
Infinite Electronics In...
SC8005 FAIRVIEW-SC8005 Datasheet
441Kb / 3P
SMA Female PCB Connector .062 inch End Launch Solder Attachment
REV 2.1
SC8006 FAIRVIEW-SC8006 Datasheet
499Kb / 3P
SMA Female PCB Connector .062 inch End Launch Solder Attachment
REV 2.0
More results

Similar Description - SC800010

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
Power Solid State Relay
SC742110 CELDUC-SC742110 Datasheet
97Kb / 2P
Power Solid State Relay
SC764110 CELDUC-SC764110 Datasheet
98Kb / 2P
Power Solid State Relay
SC841110 CELDUC-SC841110 Datasheet
96Kb / 2P
Power Solid State Relay
SC841910 CELDUC-SC841910 Datasheet
96Kb / 2P
Power Solid State Relay
SC844910 CELDUC-SC844910 Datasheet
98Kb / 2P
Power Solid State Relay
SC864810 CELDUC-SC864810 Datasheet
96Kb / 2P
Power Solid State Relay
SC867110 CELDUC-SC867110 Datasheet
98Kb / 2P
Power Solid State Relay
SC867910 CELDUC-SC867910 Datasheet
96Kb / 2P
Power Solid State Relay
SC941160 CELDUC-SC941160 Datasheet
99Kb / 2P
Power Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com