Electronic Components Datasheet Search
  English  ▼

X  

AOD4136 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD4136
Description  N-Channel SDMOSTM POWER Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD4136 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD4136 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD4136 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD4136 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD4136 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD4136 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD4136 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD4136
Symbol
Min
Typ
Max
Units
BVDSS
25
V
10
TJ=55°C
100
IGSS
±100
nA
VGS(th)
1.5
1.9
2.5
V
ID(ON)
100
A
9
11
TJ=125°C
13
16
15
19
gFS
32
S
VSD
0.71
1
V
IS
20
A
Ciss
734
pF
Coss
174
pF
Crss
97
pF
Rg
2.4
3.6
5.4
Ω
Qg (10V)
12.9
16.8
nC
Qg (4.5V)
6.2
8.1
nC
Qgs
2.2
nC
Qgd
4
nC
tD(on)
6
ns
tr
11.2
ns
tD(off)
19.6
ns
tf
9.6
ns
trr
12
16
ns
Qrr
11
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VDS=25V, VGS=0V
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
IDSS
µ
A
Body Diode Reverse Recovery Charge IF=20A, dI/dt=300A/µs
Body Diode Reverse Recovery Time
VGS=10V, ID=20A
Reverse Transfer Capacitance
IF=20A, dI/dt=300A/µs
Gate Threshold Voltage
VDS=VGS ID=250µA
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
VGS=4.5V, ID=15A
IS=1A,VGS=0V
VDS=5V, ID=20A
m
Ω
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=12.5V, RL=0.5Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
Gate Drain Charge
VGS=0V, VDS=12.5V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
TBD
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
TBD
Total Gate Charge
VGS=10V, VDS=12.5V,
ID=20A
A: The value of RθJA is measured with the device in a still air environment with T A =25°C. The power dissipation P DSM and current rating IDSM
are based on TJ(MAX)=150°C, using t ≤ 10s junction-to-ambient thermal resistance.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse ratin g.
G. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
H. The maximum current rating is limited by bond-wires.
*This device is guaranteed green after data code 8X11 (Sep 1
ST 2008).
Rev1: Oct 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com