Electronic Components Datasheet Search
  English  ▼

X  

LTC4257 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4257
Description  IEEE 802.3af PD Power over Ethernet Interface Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257 Datasheet(HTML) 2 Page - Linear Technology

  LTC4257 Datasheet HTML 1Page - Linear Technology LTC4257 Datasheet HTML 2Page - Linear Technology LTC4257 Datasheet HTML 3Page - Linear Technology LTC4257 Datasheet HTML 4Page - Linear Technology LTC4257 Datasheet HTML 5Page - Linear Technology LTC4257 Datasheet HTML 6Page - Linear Technology LTC4257 Datasheet HTML 7Page - Linear Technology LTC4257 Datasheet HTML 8Page - Linear Technology LTC4257 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4257
2
4257fb
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
NC
RCLASS
NC
VIN
GND
NC
PWRGD
VOUT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage
Voltage with Respect to GND Pin (Notes 4, 5, 6)
Maximum Operating Voltage
●
–57
V
Signature Range
●
– 1.5
– 9.5
V
Classification Range
● –12.5
– 21
V
UVLO Turn-On Voltage
● –37.7
–39.2
– 40.2
V
UVLO Turn-Off Voltage
● –29.3
–30.5
– 31.5
V
IIN_ON
IC Supply Current when ON
VIN = – 48V, Pins 5, 6 Floating
●
3mA
IIN_CLASS
IC Supply Current During Classification VIN = – 17.5V, Pin 2 Floating, VOUT Tied to GND
●
0.35
0.50
0.65
mA
(Note 7)
∆ICLASS
Current Accuracy During Classification 10mA < ICLASS < 40mA, – 12.5V ≤ VIN ≤ – 21V,
●
±3.5
%
(Notes 8, 9)
(Notes 1, 2)
VIN Voltage ............................................. 0.3V to – 100V
VOUT, PWRGD Voltage ............. VIN + 100V to VIN – 0.3V
RCLASS Voltage ............................ VIN + 7V to VIN – 0.3V
PWRGD Current .................................................. 10mA
RCLASS Current .................................................. 100mA
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS
Operating Ambient Temperature Range
LTC4257C ............................................... 0
°C to 70°C
LTC4257I ............................................. –40
°C to 85°C
Storage Temperature Range
S8 Package ....................................... – 65
°C to 150°C
DD Package ...................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grades are identified by a label on the shipping container.
ORDER PART NUMBER
S8 PART MARKING
TJMAX = 150°C, θJA = 150°C/W
4257
4257I
LTC4257CS8
LTC4257IS8
1
2
3
4
8
7
6
5
TOP VIEW
GND
NC
PWRGD
VOUT
NC
RCLASS
NC
VIN
S8 PACKAGE
8-LEAD PLASTIC SO
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
DD PART MARKING*
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD TO BE SOLDERED TO
ELECTRICALLY ISOLATED PCB HEATSINK
LACT
LTC4257CDD
LTC4257IDD
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com