Electronic Components Datasheet Search
  English  ▼

X  

LTC4257CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4257CS8
Description  IEEE 802.3af PD Power over Ethernet Interface Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC4257CS8 Datasheet HTML 1Page - Linear Technology LTC4257CS8 Datasheet HTML 2Page - Linear Technology LTC4257CS8 Datasheet HTML 3Page - Linear Technology LTC4257CS8 Datasheet HTML 4Page - Linear Technology LTC4257CS8 Datasheet HTML 5Page - Linear Technology LTC4257CS8 Datasheet HTML 6Page - Linear Technology LTC4257CS8 Datasheet HTML 7Page - Linear Technology LTC4257CS8 Datasheet HTML 8Page - Linear Technology LTC4257CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4257
1
4257fb
The LTC
®4257 provides complete signature and power
interface functions for a device operating in an IEEE
802.3af Power over Ethernet (PoE) system. The LTC4257
simplifies Powered Device (PD) design by incorporating
the 25k signature resistor, the classification current source,
input current limit with thermal foldback, undervoltage
lockout and power good signalling, all in a single 8-pin
package. By incorporating a high voltage power MOSFET
onboard, the LTC4257 provides the system designer with
reduced cost while also saving board space.
The LTC4257 can interface directly with a variety of Linear
Technology DC/DC converter products to provide a cost
effective power solution for IP phones, wireless access
points and other PDs. Linear Technology also provides
solutions for Power Sourcing Equipment (PSE) applica-
tions with quad network power controllers.
The LTC4257 is available in the 8-pin SO and low profile
(3mm
× 3mm) DFN packages.
■
IP Phone Power Management
■ Wireless Access Points
■ Telecom Power Control
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ Complete Power Interface Port for IEEE 802.3af
®
Powered Devices (PDs)
■
Onboard 100V, 400mA Power MOSFET
■ Precision Input Current Limit
■ Onboard 25k Signature Resistor
■
Programmable Classification Current (Class 0-4)
■ Undervoltage Lockout
■ Smart Thermal Protection
■
Power Good Signal
■ Available in 8-Pin SO and Low Profile (3mm
× 3mm)
DFN Packages
IEEE 802.3af PD
Power over Ethernet
Interface Controller
GND
RCLASS
RCLASS
SMAJ58A
0.1
µF
PWRGD
LTC4257
VIN
SHDN
5
µF
MIN
100k
3.3V
TO LOGIC
RTN
SWITCHING
POWER SUPPLY
VIN
VOUT
–48V FROM
POWER SOURCING
EQUIPMENT
(PSE)
4257 TA01
+
–
+
DF01SA
~
~
+
–
Powered Device (PD)
5ms/DIV
VIN
50V/DIV
VOUT
20V/DIV
IIN
200mA/DIV
PWRGD
50V/DIV
4225 TA02
LTC4257 Charging 300
µF
Load Capacitor
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4257CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257CS8-1 LINER-LTC4257CS8-1 Datasheet
267Kb / 20P
Power over Ethernet Interface Controller with Dual Current Limit
More results

Similar Description - LTC4257CS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com