Electronic Components Datasheet Search
  English  ▼

X  

VN66AFD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VN66AFD
Description  N-Channel 60-V (D-S) MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VN66AFD Datasheet(HTML) 1 Page - Vishay Siliconix

  VN66AFD Datasheet HTML 1Page - Vishay Siliconix VN66AFD Datasheet HTML 2Page - Vishay Siliconix VN66AFD Datasheet HTML 3Page - Vishay Siliconix VN66AFD Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TN0601L, VN0606L, VN66AFD
Vishay Siliconix
Document Number: 70201
S-04279—Rev. E, 16-Jul-01
www.vishay.com
11-1
N-Channel 60-V (D-S) MOSFETs
PRODUCT SUMMARY
Part Number
V(BR)DSS Min (V)
rDS(on) Max (W)
VGS(th) (V)
ID (A)
TN0601L
1.8 @ VGS = 10 V
0.5 to 2
0.47
VN0606L
60
3 @ VGS = 10 V
0.8 to 2
0.33
VN66AFD
3 @ VGS = 10 V
0.8 to 2.5
1.46
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: 1.2 W
D Low Threshold: <1.6 V
D Low Input Capacitance: 35 pF
D Fast Switching Speed: 9 ns
D Low Input and Output Leakage
D Low Offset Voltage
D Low-Voltage Operation
D Easily Driven Without Buffer
D High-Speed Circuits
D Low Error Voltage
D Direct Logic-Level Interface: TTL/CMOS
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories, Transistors, etc.
D Battery Operated Systems
D Solid-State Relays
Top View
TO-226AA
(TO-92)
S
D
G
1
2
3
TO-220SD
(Tab Drain)
Top View
TN0601L
VN0606L
VN66AFD
1
S
D
G
2
3
“S” TN
0601L
xxyy
Device Marking
Front View
“S” VN
0606L
xxyy
“S” = Siliconix Logo
xxyy = Date Code
Device Marking
Front View
VN66AFD
“S” xxyy
“S” = Siliconix Logo
xxyy = Date Code
VN0606L
TN0601L
VN66AFD
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
TN0601L
VN0606L
VN66AFDb
Unit
Drain-Source Voltage
VDS
60
60
60
Gate-Source Voltage
VGS
"20
"30
"30
V
Continuous Drain Current
TA= 25_C
0.47
0.33
1.46
Continuous Drain Current
(TJ = 150_C)
TA= 100_C
ID
0.29
0.21
0.92
A
Pulsed Drain Currenta
IDM
1.5
1.6
3
TA= 25_C
0.8
0.8
15
Power Dissipation
TA= 100_C
PD
0.32
0.32
6
W
Thermal Resistance, Junction-to-Ambient
RthJA
156
156
_
Thermal Resistance, Junction-to-Case
RthJC
8.3
_C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Notes
a.
Pulse width limited by maximum junction temperature.
b.
Reference case for all temperature testing.


Similar Part No. - VN66AFD

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VN66AFD NJSEMI-VN66AFD Datasheet
83Kb / 2P
VN66 SERIES
More results

Similar Description - VN66AFD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VN10LLS VISHAY-VN10LLS Datasheet
41Kb / 4P
N-Channel 60-V (D-S) MOSFETs
16-Jul-01
VN10KLS VISHAY-VN10KLS Datasheet
48Kb / 4P
N-Channel 60-V (D-S) MOSFETs with Zener Gate
16-Jul-01
VN0610L VISHAY-VN0610L Datasheet
63Kb / 4P
N-Channel 60-V (D-S) MOSFETs with Zener Gate
16-Jul-01
SIZ250DT VISHAY-SIZ250DT Datasheet
352Kb / 14P
Dual N-Channel 60 V (D-S) MOSFETs
30-Dec-2019
SIJ462DP VISHAY-SIJ462DP_V01 Datasheet
221Kb / 10P
N-Channel 60 V (D-S) MOSFETs
17-Jun-13
SIJH600E VISHAY-SIJH600E Datasheet
190Kb / 7P
N-Channel 60 V (D-S) 175 °C MOSFET
31-May-2021
SIR180ADP VISHAY-SIR180ADP Datasheet
258Kb / 9P
N-Channel 60 V (D-S) MOSFETs
11-May-2020
SIR188LDP VISHAY-SIR188LDP Datasheet
179Kb / 7P
N-Channel 60 V (D-S) MOSFETs
10-May-2021
SQ2308ES VISHAY-SQ2308ES Datasheet
116Kb / 7P
Automotive N-Channel 60 V (D-S) 175 °C MOSFETs
27-Sep-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com