Electronic Components Datasheet Search
  English  ▼

X  

LTC4301IDD Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4301IDD
Description  Supply Independent Hot Swappable 2-Wire Bus Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301IDD Datasheet(HTML) 2 Page - Linear Technology

  LTC4301IDD Datasheet HTML 1Page - Linear Technology LTC4301IDD Datasheet HTML 2Page - Linear Technology LTC4301IDD Datasheet HTML 3Page - Linear Technology LTC4301IDD Datasheet HTML 4Page - Linear Technology LTC4301IDD Datasheet HTML 5Page - Linear Technology LTC4301IDD Datasheet HTML 6Page - Linear Technology LTC4301IDD Datasheet HTML 7Page - Linear Technology LTC4301IDD Datasheet HTML 8Page - Linear Technology LTC4301IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC4301
4301fb
ORDER PART
NUMBER
VCC to GND ................................................. –0.3V to 7V
SDAIN, SCLIN, SDAOUT, SCLOUT, CS ........ –0.3V to 7V
READY ........................................................ –0.3V to 6V
Operating Temperature Range
LTC4301C ............................................... 0
°C to 70°C
LTC4301I ............................................ – 40
°C to 85°C
LTC4301CDD
LTC4301IDD
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 9)
PCB CONNECTION OPTIONAL
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
DD PART
MARKING*
LBBY
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
Storage Temperature Range
MSOP ............................................... – 65
°C to 150°C
DFN .................................................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
ORDER PART
NUMBER
LTC4301CMS8
LTC4301IMS8
MS8 PART
MARKING*
LTBBW
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
CS
SCLOUT
SCLIN
GND
VCC
SDAOUT
SDAIN
READY
TJMAX = 125°C, θJA = 200°C/W
1
2
3
4
CS
SCLOUT
SCLIN
GND
8
7
6
5
VCC
SDAOUT
SDAIN
READY
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
Positive Supply Voltage
●
2.7
5.5
V
ICC
Supply Current
VCC = 5.5V, VSDAIN = VSCLIN = 0V
●
4.5
6.2
mA
VCC = 5.5V, CS = 5.5V
300
µA
Start-Up Circuitry
VPRE
Precharge Voltage
SDA, SCL Floating
●
0.85
1.05
1.25
V
tIDLE
Bus Idle Time
●
60
95
175
µs
RDYVOL
READY Output Low Voltage
IPULLUP = 3mA
●
0.4
V
VTHRCS
Connection Sense Threshold
0.8
1.4
2
V
ICS
CS Input Current
CS from 0V to VCC
±0.1
±1
µA
VTHR
SDA, SCL Logic Input Threshold Voltage
Rising Edge
1.55
1.8
2.0
V
VHYS
SDA, SCL Logic Input Threshold Voltage
(Note 3)
50
mV
Hysteresis
tPLH
CS Delay On-Off
10
ns
READY Delay Off-On
10
ns
tPHL
CS Delay Off-On
95
µs
READY Delay On-Off
10
ns
IOFF
Ready Off Leakage Current
±0.1
µA
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com