Electronic Components Datasheet Search
  English  ▼

X  

LTC4301 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4301
Description  Supply Independent Hot Swappable 2-Wire Bus Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301 Datasheet(HTML) 1 Page - Linear Technology

  LTC4301 Datasheet HTML 1Page - Linear Technology LTC4301 Datasheet HTML 2Page - Linear Technology LTC4301 Datasheet HTML 3Page - Linear Technology LTC4301 Datasheet HTML 4Page - Linear Technology LTC4301 Datasheet HTML 5Page - Linear Technology LTC4301 Datasheet HTML 6Page - Linear Technology LTC4301 Datasheet HTML 7Page - Linear Technology LTC4301 Datasheet HTML 8Page - Linear Technology LTC4301 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4301
4301fb
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Supply Independent Hot
Swappable 2-Wire Bus Buffer
■
Allows Bus Pull-Up Voltages Above or Below VCC
■
Bidirectional Buffer* for SDA and SCL Lines
Increases Fanout
■
Prevents SDA and SCL Corruption During Live Board
Insertion and Removal from Backplane
■
Isolates Input SDA and SCL Line from Output
■
10kV Human Body Model ESD Protection
■
1V Precharge On All SDA and SCL Lines
■
Supports Clock Stretching, Arbitration and
Synchronization
■
High Impedance SDA, SCL Pins for VCC = 0V
■
CS Gates Connection from Input to Output
■
Compatible with I2C
TM, I2C Fast Mode and SMBus
Standards (Up to 400kHz Operation)
■
Small 8-Pin MSOP and DFN (3mm
× 3mm) Packages
■
Hot Board Insertion
■
Servers
■
Capacitance Buffer/Bus Extender
■
Desktop Computers
■
CompactPCI
TM and ATCA Systems
The LTC
®4301 supply independent, hot swappable, 2-wire
bus buffer allows I/O card insertion into a live backplane
without corruption of the data and clock busses. In addi-
tion, the LTC4301 allows the VCC, SDAIN and SCLIN pull-
up voltage and the SDAOUT and SCLOUT pull-up voltage
to be independent from each other. Control circuitry
prevents the backplane from being connected to the card
until a stop bit or a bus idle is present. When the connec-
tion is made, the LTC4301 provides bidirectional buffer-
ing, keeping the backplane and card capacitances isolated.
During insertion, the SDA and SCL lines are precharged to
1V to minimize bus disturbances. When driven low, the CS
input pin allows the part to connect after a stop bit or bus
idle occurs. Driving CS high breaks the connection be-
tween SCLIN and SCLOUT and between SDAIN and
SDAOUT. The READY output pin indicates that the back-
plane and card sides are connected together.
The LTC4301 is offered in 8-pin DFN (3mm
× 3mm) and
MSOP packages.
10k
10k
5V
BACK_SCL
BACKPLANE
CONNECTOR
CARD
BACK_SDA
3.3V
10k
5V
CS
CARD_SCL
CARD_SDA
SCLOUT
SCLIN
SDAOUT
SDAIN
GND
VCC
LTC4301
READY
0.01
µF
4301 TA01
10k
10k
Input-Output Connection
4301 TA01b
OUTPUT
SIDE
20pF
INPUT
SIDE
55pF
1
µs/DIV
1V/DIV
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 7032051.


Similar Part No. - LTC4301

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4301 LINER-LTC4301 Datasheet
220Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301 LINER-LTC4301 Datasheet
228Kb / 12P
Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4301L LINER-LTC4301L Datasheet
220Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
More results

Similar Description - LTC4301

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
Hot Swappable 2-Wire Bus Buffers
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com