Electronic Components Datasheet Search
  English  ▼

X  

LTC4304CDD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4304CDD
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304CDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4304CDD Datasheet HTML 2Page - Linear Technology LTC4304CDD Datasheet HTML 3Page - Linear Technology LTC4304CDD Datasheet HTML 4Page - Linear Technology LTC4304CDD Datasheet HTML 5Page - Linear Technology LTC4304CDD Datasheet HTML 6Page - Linear Technology LTC4304CDD Datasheet HTML 7Page - Linear Technology LTC4304CDD Datasheet HTML 8Page - Linear Technology LTC4304CDD Datasheet HTML 9Page - Linear Technology LTC4304CDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4304
6
4304fa
BLOCK DIAGRA
SLEW RATE
DETECTOR
3.5mA
CONNECT
PC_CONNECT
PC_CONNECT
PC_CONNECT
CONNECT
1
200k
200k
200k
200k
PRECHARGE
LOGIC
30ms
TIMER
95
µs
DELAY
ACC
CTRL
UVLO
1.4V
ENABLE
1.8V
3
4
SCLIN
ACC
8
SDAIN
1.8V
CONNECT
CONNECT
9
SDAOUT
10 VCC
2
SCLOUT
READY
6
FAULT
7
GND
4304 BD
5
SLEW RATE
DETECTOR
ACC_IN
ACC_IN
3.5mA
SLEW RATE
DETECTOR
ACC_IN
3.5mA
SLEW RATE
DETECTOR
ACC_OUT
3.5mA
UVLO
ACC_OUT
AUTOMATIC
CLOCKING
–
+
–
+
–
+
–
+
–
+
LTC4304 2-Wire Bus Buffer with Stuck Bus Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com