Electronic Components Datasheet Search
  English  ▼

X  

IRF730 Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # IRF730
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

IRF730 Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  IRF730 Datasheet HTML 1Page - Advanced Power Electronics Corp. IRF730 Datasheet HTML 2Page - Advanced Power Electronics Corp. IRF730 Datasheet HTML 3Page - Advanced Power Electronics Corp. IRF730 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=1mA
400
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=3.3A
-
-
1
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
2
-
4
V
gfs
Forward Transconductance
VDS=10V, ID=3.3A
-
2.8
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=400V, VGS=0V
-
-
25
uA
Drain-Source Leakage Current (Tj=125
oC)
VDS=320V, VGS=0V
-
-
250
uA
IGSS
Gate-Source Leakage
VGS=±20V
-
-
±100
nA
Qg
Total Gate Charge
3
ID=3.5A
-
27
45
nC
Qgs
Gate-Source Charge
VDS=320V
-
4
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
15
-
nC
td(on)
Turn-on Delay Time
3
VDD=200V
-
10
-
ns
tr
Rise Time
ID=3.5A
-
16
-
ns
td(off)
Turn-off Delay Time
RG=12Ω,VGS=10V
-
39
-
ns
tf
Fall Time
RD=57Ω
-19
-
ns
Ciss
Input Capacitance
VGS=0V
-
700
1120
pF
Coss
Output Capacitance
VDS=25V
-
185
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
65
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.6
2.4
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
3
Tj=25℃, IS=5.5A, VGS=0V
-
-
1.5
V
trr
Reverse Recovery Time
3
IS=3.5A, VGS=0V,
-
300
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
3.3
-
uC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Starting Tj=25
oC , V
DD=50V , L=10mH , RG=25Ω
3.Pulse test
IRF730
THIS PRODUCT HAS BEEN QUALIFIED FOR USE IN CONSUMER APPLICATIONS. APPLICATIONS OR USE IN LIFE SUPPORT
OR OTHER SIMILAR MISSION-CRITICAL DEVICES OR SYSTEMS ARE NOT AUTHORIZED.
2/4
THIS PRODUCT IS ELECTROSTATIC SENSITIVE, PLEASE HANDLE WITH CAUTION.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com