Electronic Components Datasheet Search
  English  ▼

X  

LTC4309 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4309
Description  Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4309 Datasheet HTML 8Page - Linear Technology LTC4309 Datasheet HTML 9Page - Linear Technology LTC4309 Datasheet HTML 10Page - Linear Technology LTC4309 Datasheet HTML 11Page - Linear Technology LTC4309 Datasheet HTML 12Page - Linear Technology LTC4309 Datasheet HTML 13Page - Linear Technology LTC4309 Datasheet HTML 14Page - Linear Technology LTC4309 Datasheet HTML 15Page - Linear Technology LTC4309 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4309
14
4309fa
Figure 8. The LTC4309 in a level shifting application where the bus supplies are different from VCC.
4309 F06
SDAIN
SCLIN
DISCEN
ENABLE
READY
FAULT
SDAOUT
SCLOUT
C2
0.01μF
LTC4309
VCC
VCC2
GND
5V
2.5V
SDA2
SCL2
SDA1
SCL1
R4
10k
R5
10k
R3
10k
R6
10k
R1
2.7k
R2
2.7k
ACC
3.3V
Figure 7. The LTC4309 in a Repeater Application. The LTC4309’s Low Offset Allows Cascading of Multiple Devices.
4309 F05
SDAIN
SCLIN
DISCEN
ENABLE
READY
FAULT
SDAOUT
SCLOUT
C1
0.01 F
C2
0.01 F
LTC4309
VCC VCC2
GND
VCC
SDA1
SCL1
R3
10k
R2
2.7k
R4
10k
SDAIN
SCLIN
DISCEN
ENABLE
READY
FAULT
SDAOUT
SCLOUT
C5
0.01 F
LTC4309
VCC VCC2
GND
R11
10k
R12
10k
R1
2.7k
SDAIN
SCLIN
DISCEN
ENABLE
READY
FAULT
SDAOUT
SCLOUT
C4
0.01 F
C3
0.01 F
C6
0.01 F
LTC4309
VCC
VCC2
GND
SDA2
SCL2
R8
10k
R9
2.7k
R7
10k
R10
2.7k
R13
2.7k
R14
2.7k
R5
2.7k
R6
2.7k
VCC
ACC
ACC
ACC
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com