Electronic Components Datasheet Search
  English  ▼

X  

LTC4311ISC6-TRMPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4311ISC6-TRMPBF
Description  Low Voltage I2C/SMBus Accelerator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311ISC6-TRMPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4311ISC6-TRMPBF Datasheet HTML 1Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 2Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 3Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 4Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 5Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 6Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4311
1
4311fa
4311 TA01b
LTC4311
1V/DIV
VCC = 5V
CLD = 200pF
fI2C = 100kHz
1μs/DIV
RPULL-UP = 15.8k
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low Voltage I2C/SMBus
Accelerator
The LTC®4311 is a dual I2C active pull-up designed to
enhance data transmission speed and reliability for bus
loading conditions well beyond the 400pF I2C specification
limit. The LTC4311 operates at supply voltages from 1.6V
to 5.5V and is also compatible with SMBus.
The LTC4311 allows multiple device connections or a lon-
ger, more capacitive interconnect, without compromising
slew rates or bus performance, by using two slew limited
pull-up currents.
During positive bus transitions, the LTC4311 provides slew
limited pull-up currents to quickly slew the I2C or SMBus
lines to the bus pull-up voltage. During negative transitions
or steady DC levels, the currents are disabled to improve
negative slew rate, and improve low state noise margins.
An auto detect standby mode reduces supply current if
both SCL and SDA are high. When disabled, the LTC4311
goes into low (<5μA) current shutdown.
The LTC4311 is available in the 2mm
× 2mm × 0.75mm
DFN, and SC70 packages.
Comparison of I2C Waveforms for
the LTC4311 vs Resistor Pull-Up
■
Improves I2C Bus Rise Time Transition
■
Ensures Data Integrity with Multiple Devices on the
I2C Bus.
■
Wide Supply Voltage Range: 1.6V to 5.5V
■
Improves Low State Noise Margin
■
Up to 400kHz Operation
■
Auto Detect Low Power Standby Mode
■
Low (<5μA) Supply Current Shutdown
■
Does Not Load Bus When Disabled or Powered Down
■
Strong Slew Limited Pull-up Current
■
±8kV Human Body Model ESD Ruggedness
■
2mm
× 2mm DFN and SC70 Packages
■
Notebook and Palmtop Computers
■
Portable Instruments
■
Battery Chargers
■
Industrial Controls
■
TV/Video Products
■
ACPI SMBus Interface
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All
other trademarks are the property of their respective owners. Protected by U.S. Patents
including 6356140 and 6650174.
LTC4311
VCC
ENABLE
GND
VCC
2.5V
C1
0.01μF
BUS1
BUS2
DEVICE 1
CLK
IN
CLK
OUT
VCC
2.5V
DATA
IN
DATA
OUT
DEVICE N
4311 TA01a
CLK
IN
10k
CLK
OUT
DATA
IN
DATA
OUT
10k
I2C
SCL
SDA


Similar Part No. - LTC4311ISC6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
616Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
671Kb / 28P
Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4311 LINER-LTC4311 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
144Kb / 12P
Low Voltage IC/SMBus Accelerator
More results

Similar Description - LTC4311ISC6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1694-1 LINER-LTC1694-1 Datasheet
150Kb / 8P
SMBus/I2C Accelerator
LTC1694 LINER-LTC1694 Datasheet
145Kb / 8P
SMBus/I2C Accelerator
logo
Intersil Corporation
ISL88694 INTERSIL-ISL88694 Datasheet
247Kb / 7P
SMBus Accelerator (SMA)
January 21, 2005
logo
Texas Instruments
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
Linear Technology
LTC1694 LINER-LTC1694_15 Datasheet
191Kb / 8P
SMBus/IC Accelerator
LTC1694-1 LINER-LTC1694-1_15 Datasheet
186Kb / 8P
SMBus/IC Accelerator
LTC4311 LINER-LTC4311_15 Datasheet
144Kb / 12P
Low Voltage IC/SMBus Accelerator
logo
Intersil Corporation
ISL88694 INTERSIL-ISL88694_14 Datasheet
250Kb / 7P
SMBus Accelerator (SMA)
January 21, 2005
logo
Texas Instruments
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
Low-Voltage 7-Bit I2C and SMBus LED Driver
logo
Renesas Technology Corp
ISL88694 RENESAS-ISL88694 Datasheet
424Kb / 7P
SMBus Accelerator (SMA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com