Electronic Components Datasheet Search
  English  ▼

X  

LTC4401-2 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4401-2
Description  RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4401-2 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4401-2 Datasheet HTML 8Page - Linear Technology LTC4401-2 Datasheet HTML 9Page - Linear Technology LTC4401-2 Datasheet HTML 10Page - Linear Technology LTC4401-2 Datasheet HTML 11Page - Linear Technology LTC4401-2 Datasheet HTML 12Page - Linear Technology LTC4401-2 Datasheet HTML 13Page - Linear Technology LTC4401-2 Datasheet HTML 14Page - Linear Technology LTC4401-2 Datasheet HTML 15Page - Linear Technology LTC4401-2 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC4401-1/LTC4401-2
4401fa
APPLICATIO S I FOR ATIO
Figure 7. LTC4401-X Low Frequency AC Model
RO1
20E6
ND3
ND2
ND1
GIN1
86E-6
IFB
GX1
1E-6
GX2
1E-6
GX3
1E-6
GX4
1E-6
CC1
75E-12
RPCTL2
38E3
RPCTL1
51E3
RFILT
44E3
RX1
1E6
ND4
RX2
1E6
ND6
ND5
RX3
1E6
ND7
CX3
32E-15
RX4
1E6
RLOAD
2E3
ND8
–
+
CX2
8E-15
–
+
RX5
1E6
ND11
ND10
CX5
16E-15
–
+
RSD
500
Ω
RT
250
Ω
CP
28E-12
RX6
1E6
ND12
CX6
1.2E-15
–
+
–
+
–
+
4401 F07
–
+
–
+
–
+
RFB1
22E3
GM
GM
GM
GM
GM
GX5
1E-6
GM
GX6
1E-6
GM
GXFB
33E-6
GM
EX1
VAMP
PCTL
RF
VPCA
CPCTL2
7E-12
CPCTL1
13E-12
CFB1
2.4E-12
2
ND9
ND8
2X BUFFER
CLINT
5E-12
CLOAD
33E-12
R9
50
Ω
LX1
65E-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com