Electronic Components Datasheet Search
  English  ▼

X  

LTC4447 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4447
Description  High Speed Synchronous N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4447 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4447 Datasheet HTML 4Page - Linear Technology LTC4447 Datasheet HTML 5Page - Linear Technology LTC4447 Datasheet HTML 6Page - Linear Technology LTC4447 Datasheet HTML 7Page - Linear Technology LTC4447 Datasheet HTML 8Page - Linear Technology LTC4447 Datasheet HTML 9Page - Linear Technology LTC4447 Datasheet HTML 10Page - Linear Technology LTC4447 Datasheet HTML 11Page - Linear Technology LTC4447 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC4447
9
4447f
APPLICATIONS INFORMATION
OPERATION
The LTC4447’s powerful parallel combination of the
N-channel MOSFET (N2) and NPN (Q3) on the BG
pull-down generates a phenomenal 4ns fall time on BG
while driving a 3nF load. Similarly, the 0.8Ω pull-down
Power Dissipation
To ensure proper operation and long-term reliability,
the LTC4447 must not operate beyond its maximum
temperature rating. Package junction temperature can
be calculated by:
TJ = TA + (PD)(θJA)
where:
TJ = junction temperature
TA = ambient temperature
PD = power dissipation
θJA = junction-to-ambient thermal resistance
Power dissipation consists of standby, switching and
capacitive load power losses:
PD = PDC + PAC + PQG
where:
PDC = quiescent power loss
PAC = internal switching loss at input frequency fIN
PQG = loss due turning on and off the external
MOSFET with gate charge QG at frequency fIN
The LTC4447 consumes very little quiescent current. The
DC power loss at VLOGIC = 5V and VCC = 5V is only (730μA
+ 600μA)(5V) = 6.65mW.
At a particular switching frequency, the internal power loss
increases due to both AC currents required to charge and
discharge internal nodal capacitances and cross-conduc-
tion currents in the internal logic gates. The sum of the
quiescent current and internal switching current with no
load are shown in the Typical Performance Characteristics
plot of Switching Supply Current vs Input Frequency.
The gate charge losses are primarily due to the large AC
currents required to charge and discharge the capacitance
of the external MOSFETs during switching. For identical
pure capacitive loads CLOAD on TG and BG at switching
frequency fin, the load losses would be:
PCLOAD = (CLOAD)(fIN)[(VBOOST – TS)2 + (VCC)2]
In a typical synchronous buck configuration, VBOOST – TS
is equal to VCC – VD, where VD is the forward voltage drop
of the internal Schottky diode between VCC and BOOST.
If this drop is small relative to VCC, the load losses can
be approximated as:
PCLOAD ≈ 2(CLOAD)(fIN)(VCC)2
Unlike a pure capacitive load, a power MOSFET’s gate
capacitance seen by the driver output varies with its VGS
voltage level during switching. A MOSFET’s capacitive load
power dissipation can be calculated using its gate charge,
QG. The QG value corresponding to the MOSFET’s VGS
value (VCC in this case) can be readily obtained from the
manufacturer’s QG vs VGS curves. For identical MOSFETs
on TG and BG:
PQG ≈ 2(VCC)(QG)(fIN)
To avoid damaging junction temperatures due to power
dissipation, the LTC4447 includes a temperature monitor
that will pull BG and TG low if the junction temperature
exceeds 160°C. Normal operation will resume when the
junction temperature cools to less than 135°C.
MOSFET (N1) on TG results in a rapid 7ns fall time with
a 3nF load. These powerful pull-down devices minimize
the power loss associated with MOSFET turn-off time and
cross-conduction current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com