Electronic Components Datasheet Search
  English  ▼

X  

LTC5535 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5535
Description  Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5535 Datasheet(HTML) 1 Page - Linear Technology

  LTC5535 Datasheet HTML 1Page - Linear Technology LTC5535 Datasheet HTML 2Page - Linear Technology LTC5535 Datasheet HTML 3Page - Linear Technology LTC5535 Datasheet HTML 4Page - Linear Technology LTC5535 Datasheet HTML 5Page - Linear Technology LTC5535 Datasheet HTML 6Page - Linear Technology LTC5535 Datasheet HTML 7Page - Linear Technology LTC5535 Datasheet HTML 8Page - Linear Technology LTC5535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC5535
1
5535f
TYPICAL APPLICATIO
APPLICATIO S
DESCRIPTIO
FEATURES
■ 802.11a, 802.11b, 802.11g, 802.15, 802.16
■ Multimode Mobile Phone Products
■ Optical Data Links
■ Wireless Data Modems
■ Wireless and Cable Infrastructure
■ RF Power Alarm
■ Envelope Detector
■
Temperature Compensated Internal Schottky
Diode RF Detector
■ Wide Input Frequency Range: 600MHz to 7GHz*
■
Wide Input Power Range: –32dBm to 10dBm
■ External Gain Control
■ Precision VOUT Offset Control
■
Low Starting Voltage: 200mV for Gain = 2
■ Wide VCC Range of 2.7V to 5.5V
■ Low Operating Current: 2mA
■
Available in a Low Profile (1mm) SOT-23 Package
Precision 600MHz to 7GHz,
RF Detector with
Adjustable Gain and
12MHz Baseband Bandwidth
The LTC
®5535 is an RF power detector for RF applications
operating in the 600MHz to 7GHz range. A temperature
compensated Schottky diode peak detector and output
amplifier are combined in a small ThinSOT
TM package. The
supply voltage range is optimized for operation from a
single cell lithium-ion or three cell NiMH battery.
The RF input voltage is peak detected using an on-chip
Schottky diode. The detected voltage is buffered and
supplied to the VOUT pin.
The LTC5535 output amplifier gain is set via external
resistors. The initial starting voltage of 200mV can be
precisely adjusted using the VOS pin.
The LTC5535 operates with input power levels from
–32dBm to 10dBm. The 12MHz baseband bandwidth is
much higher than that of previous Schottky detector
products.
, LTC and LT are registered trademarks of Linear Technology Corporation.
600MHz to 7GHz RF Power Detector
LTC5535
1
2
3
6
5
4
100pF
0.1µF
VCC
VOS
REFERENCE
VCC
VOUT
RFIN
GND
VOS
33pF
5535 TA01
RF
INPUT
VM
RA
RB
Output Voltage vs RF Input Power
ThinSOT is a trademark of Linear Technology Corporation.
*Higher frequency operation is achievable with reduced performance. Consult factory for more
information.
RF INPUT POWER (dBm)
–32
800
3200
3600
–20 –16
–8
0
–4
5535 TA02
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
12
VCC = 3.6V
TA = 25°C
GAIN = 2
VOS = 0V
2GHz
7GHz
600MHz
1GHz
5GHz
6GHz
4GHz


Similar Part No. - LTC5535

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5535 LINER-LTC5535 Datasheet
243Kb / 12P
Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5535 LINER-LTC5535_15 Datasheet
243Kb / 12P
Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
More results

Similar Description - LTC5535

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5532 LINER-LTC5532_09 Datasheet
282Kb / 16P
Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5536 LINER-LTC5536 Datasheet
165Kb / 12P
600MHz to 7GHz Precision RF Detector with Fast Comparator Output
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5531 LINER-LTC5531_15 Datasheet
226Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5535 LINER-LTC5535_15 Datasheet
243Kb / 12P
Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5536 LINER-LTC5536_15 Datasheet
170Kb / 12P
600MHz to 7GHz Precision RF Detector with Fast Comparator Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com