Electronic Components Datasheet Search
  English  ▼

X  

LTC6241CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6241CS8
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6241CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC6241CS8 Datasheet HTML 1Page - Linear Technology LTC6241CS8 Datasheet HTML 2Page - Linear Technology LTC6241CS8 Datasheet HTML 3Page - Linear Technology LTC6241CS8 Datasheet HTML 4Page - Linear Technology LTC6241CS8 Datasheet HTML 5Page - Linear Technology LTC6241CS8 Datasheet HTML 6Page - Linear Technology LTC6241CS8 Datasheet HTML 7Page - Linear Technology LTC6241CS8 Datasheet HTML 8Page - Linear Technology LTC6241CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC6240/LTC6241/LTC6242
3
624012fc
PART NUMBER
AMPS/PACKAGE
SPECIFIED TEMP RANGE
SPECIFIED SUPPLY VOLTAGE
PACKAGE
PART MARKING
LTC6240CS5
1
0°C to 70°C
3V, 5V
SOT-23
LTCRR
LTC6240CS8
1
0°C to 70°C
3V, 5V
SO-8
6240
LTC6240HVCS5
1
0°C to 70°C
3V, 5V, ±5V
SOT-23
LTCRS
LTC6240HVCS8
1
0°C to 70°C
3V, 5V, ±5V
SO-8
6240HV
LTC6240IS5
1
–40°C to 85°C
3V, 5V
SOT-23
LTCRR
LTC6240IS8
1
–40°C to 85°C
3V, 5V
SO-8
6240I
LTC6240HVIS5
1
–40°C to 85°C
3V, 5V, ±5V
SOT-23
LTCRS
LTC6240HVIS8
1
–40°C to 85°C
3V, 5V, ±5V
SO-8
240HVI
LTC6240HS5
1
–40°C to 125°C
3V, 5V
SOT-23
LTCRR
LTC6240HS8
1
–40°C to 125°C
3V, 5V
SO-8
6240H
LTC6240HVHS5
1
–40°C to 125°C
3V, 5V, ±5V
SOT-23
LTCRS
LTC6240HVHS8
1
–40°C to 125°C
3V, 5V, ±5V
SO-8
240HVH
LTC6241CS8
2
0°C to 70°C
3V, 5V
SO-8
6241
LTC6241CDD
2
0°C to 70°C
3V, 5V
DD
LBPD
LTC6241HVCS8
2
0°C to 70°C
3V, 5V, ±5V
SO-8
6241HV
LTC6241HVCDD
2
0°C to 70°C
3V, 5V, ±5V
DD
LBRR
LTC6241IS8
2
–40°C to 85°C
3V, 5V
SO-8
6241I
LTC6241IDD
2
–40°C to 85°C
3V, 5V
DD
LBPD
LTC6241HVIS8
2
–40°C to 85°C
3V, 5V, ±5V
SO-8
241HVI
LTC6241HVIDD
2
–40°C to 85°C
3V, 5V, ±5V
DD
LBRR
LTC6241HS8
2
–40°C to 125°C
3V, 5V
SO-8
6241H
LTC6241HVHS8
2
–40°C to 125°C
3V, 5V, ±5V
SO-8
241HVH
AVAILABLE OPTIO S
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
TOP VIEW
DHC16 PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
B
A
C
D
TJMAX = 125°C, θJA = 43°C/W
UNDERSIDE METAL CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
B
A
C
D
TJMAX = 150°C, θJA = 135°C/W
ORDER PART NUMBER DHC PART MARKING*
LTC6242CDHC
LTC6242HVCDHC
LTC6242IDHC
LTC6242HVIDHC
6242
6242HV
6242
6242HV
ORDER PART NUMBER
GN PART MARKING
LTC6242CGN
LTC6242HVCGN
LTC6242IGN
LTC6242HVIGN
LTC6242HGN
LTC6242HVHGN
6242
6242HV
6242I
242HVI
6242H
242HVH
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com