Electronic Components Datasheet Search
  English  ▼

X  

LTC1747 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1747
Description  12-Bit, 80Msps Low Noise ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1747 Datasheet(HTML) 1 Page - Linear Technology

  LTC1747 Datasheet HTML 1Page - Linear Technology LTC1747 Datasheet HTML 2Page - Linear Technology LTC1747 Datasheet HTML 3Page - Linear Technology LTC1747 Datasheet HTML 4Page - Linear Technology LTC1747 Datasheet HTML 5Page - Linear Technology LTC1747 Datasheet HTML 6Page - Linear Technology LTC1747 Datasheet HTML 7Page - Linear Technology LTC1747 Datasheet HTML 8Page - Linear Technology LTC1747 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1747
1747fa
BLOCK DIAGRA
APPLICATIO S
FEATURES
DESCRIPTIO
12-Bit, 80Msps Low Noise ADC
s
Sample Rate: 80Msps
s
72dB SNR and 85dB SFDR (3.2V Range)
s
70.5dB SNR and 87dB SFDR (2V Range)
s
Pin Compatible with 14-Bit 80Msps LTC1748
s
No Missing Codes
s
Single 5V Supply
s
Power Dissipation: 1.4W
s
Selectable Input Ranges:
±1V or ±1.6V
s
240MHz Full Power Bandwidth S/H
s
Pin Compatible Family
25Msps: LTC1746 (14-Bit), LTC1745 (12-Bit)
50Msps: LTC1744 (14-Bit), LTC1743 (12-Bit)
65Msps: LTC1742 (14-Bit), LTC1741 (12-Bit)
80Msps: LTC1748 (14-Bit), LTC1747 (12-Bit)
s
48-Pin TSSOP Package
s
Telecommunications
s
Receivers
s
Cellular Base Stations
s
Spectrum Analysis
s
Imaging Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®1747 is an 80Msps, sampling 12-bit A/D con-
verter designed for digitizing high frequency, wide dy-
namic range signals. Pin selectable input ranges of
±1V
and
±1.6V along with a resistor programmable mode
allow the LTC1747’s input range to be optimized for a wide
variety of applications.
The LTC1747 is perfect for demanding communications
applications with AC performance that includes 72dB
SNR and 85dB spurious free dynamic range. Ultralow jitter
of 0.15psRMS allows undersampling of IF frequencies with
excellent noise performance. DC specs include
±1.5 LSB
INL and
±0.8LSB DNL over temperature.
The digital interface is compatible with 5V, 3V, 2V and
LVDS logic systems. The ENC and ENC inputs may be
driven differentially from PECL, GTL and other low swing
logic families or from single-ended TTL or CMOS. The low
noise, high gain ENC and ENC inputs may also be driven
by a sinusoidal signal without degrading performance. A
separate output power supply can be operated from 0.5V
to 5V, making it easy to connect directly to any low voltage
DSPs or FIFOs.
The TSSOP package with a flow-through pinout simplifies
the board layout.
80Msps, 12-Bit ADC with a 2V Differential Input Range
12-BIT
PIPELINED ADC
12
S/H
AMP
±1V
DIFFERENTIAL
ANALOG INPUT
AIN
+
AIN
–
SENSE
VCM
4.7
µF
DIFF AMP
REFLA
REFHB
GND
1747 BD
ENC
4.7
µF
1
µF1µF
0.1
µF
0.1
µF
REFHA
REFLB
BUFFER
RANGE
SELECT
2.35VREF
CORRECTION
LOGIC AND
SHIFT
REGISTER
OUTPUT
LATCHES
CONTROL LOGIC
OVDD
VDD
OGND
0.5V
TO 5V
5V
0.1
µF
1
µF
1
µF
1
µF
D11
D0
CLKOUT
OF
•
•
•
ENC
DIFFERENTIAL
ENCODE INPUT
OE
MSBINV
0.1
µF


Similar Part No. - LTC1747

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
12-Bit, 80Msps Low Noise ADC
More results

Similar Description - LTC1747

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC2239 LINER-LTC2239 Datasheet
559Kb / 24P
10-Bit, 80Msps Low Noise 3V ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
12-Bit, 80Msps Low Power 3V ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC2239 LINER-LTC2239_15 Datasheet
564Kb / 24P
10-Bit, 80Msps Low Noise 3V ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX1208 MAXIM-MAX1208 Datasheet
1Mb / 27P
12-Bit, 80Msps, 3.3V ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com