Electronic Components Datasheet Search
  English  ▼

X  

BUF16821 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF16821 Datasheet(HTML) 22 Page - Texas Instruments

Back Button BUF16821 Datasheet HTML 18Page - Texas Instruments BUF16821 Datasheet HTML 19Page - Texas Instruments BUF16821 Datasheet HTML 20Page - Texas Instruments BUF16821 Datasheet HTML 21Page - Texas Instruments BUF16821 Datasheet HTML 22Page - Texas Instruments BUF16821 Datasheet HTML 23Page - Texas Instruments BUF16821 Datasheet HTML 24Page - Texas Instruments BUF16821 Datasheet HTML 25Page - Texas Instruments BUF16821 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
DIE
SideView(a)
EndView(b)
BottomView(c)
DIE
Thermal
Pad
P =
D
T
MAX
A
-
T
q
JA
(
)
(2)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-
40
-
20
0
100
40
60
80
20
T ,Free-AirTemperature(
°
C)
A
BUF16821
SBOS428 – JULY 2008 ...................................................................................................................................................................................................... www.ti.com
Figure 19. Views of Thermally-Enhanced PWP Package
For
a
given
θ
JA
(listed
in
the
Electrical
Characteristics), the maximum power dissipation is
shown in Figure 20 and calculated by Equation 2:
Where:
PD = maximum power dissipation (W)
TMAX = absolute maximum junction temperature
(+125°C)
TA = free-ambient air temperature (°C)
Figure 20. Maximum Power Dissipation
vs Free-Air Temperature
(with PowerPAD soldered down)
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com