Electronic Components Datasheet Search
  English  ▼

X  

TSDF1220RW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSDF1220RW
Description  Silicon NPN Planar RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1220RW Datasheet(HTML) 1 Page - Vishay Siliconix

  TSDF1220RW Datasheet HTML 1Page - Vishay Siliconix TSDF1220RW Datasheet HTML 2Page - Vishay Siliconix TSDF1220RW Datasheet HTML 3Page - Vishay Siliconix TSDF1220RW Datasheet HTML 4Page - Vishay Siliconix TSDF1220RW Datasheet HTML 5Page - Vishay Siliconix TSDF1220RW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSDF1220/TSDF1220R/TSDF1220W/TSDF1220RW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 6, 30-Jun-00
1 (6)
Document Number 85066
Silicon NPN Planar RF Transistor
Electrostatic sensitive device.
Observe precautions for handling.
Applications
For low noise applications such as preamplifiers, mix-
ers and oscillators in analog and digital TV–systems
(e.g., satellite tuners) up to microwave frequencies.
Features
D Low power applications
D Very low noise figure
D High transition frequency fT = 12 GHz
13 579
21
4
3
94 9279
TSDF1220 Marking: F20
Plastic case (SOT 143)
1 = Collector, 2 = Emitter, 3 = Base, 4 = Emitter
95 10831
2
1
43
94 9278
TSDF1220R Marking: 20F
Plastic case (SOT 143R)
1 = Collector, 2 = Emitter, 3 = Base, 4 = Emitter
2
1
3
13 653
4
13 566
TSDF1220W Marking: WF2
Plastic case (SOT 343)
1 = Collector, 2 = Emitter, 3 = Base, 4 = Emitter
2
1
3
4
13 566
13 654
TSDF1220RW Marking: W2F
Plastic case (SOT 343R)
1 = Collector, 2 = Emitter, 3 = Base, 4 = Emitter
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Collector-base voltage
VCBO
9
V
Collector-emitter voltage
VCEO
6
V
Emitter-base voltage
VEBO
2
V
Collector current
IC
40
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
–65 to +150
°C


Similar Part No. - TSDF1220RW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1220RW VISHAY-TSDF1220RW Datasheet
342Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
08-Sep-08
More results

Similar Description - TSDF1220RW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Zetex Semiconductors
MPSH10P ZETEX-MPSH10P Datasheet
47Kb / 2P
NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
Silicon NPN Planar RF Transistor
08-Sep-08
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
Silicon NPN Planar RF Transistor
08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com