Electronic Components Datasheet Search
  English  ▼

X  

LTC1756 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1756
Description  Smart Card Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1756 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1756 Datasheet HTML 8Page - Linear Technology LTC1756 Datasheet HTML 9Page - Linear Technology LTC1756 Datasheet HTML 10Page - Linear Technology LTC1756 Datasheet HTML 11Page - Linear Technology LTC1756 Datasheet HTML 12Page - Linear Technology LTC1756 Datasheet HTML 13Page - Linear Technology LTC1756 Datasheet HTML 14Page - Linear Technology LTC1756 Datasheet HTML 15Page - Linear Technology LTC1756 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1755/LTC1756
less than 10
µA. If DVCC is 0V the current drops below 1µA.
When a Smart Card is present the LTC1755/LTC1756
operate with a quiescent current of only 60
µA, thus the
majority of power is consumed by charge pump losses
and the card itself. If the card can be made to consume less
power during idle times a significant power savings will be
achieved. Whenever possible Clock Stop Mode should be
used (or alternatively a very low “idling” clock speed).
Furthermore, in the Active state, the bidirectional pins
should all be relinquished whenever possible since there
is some static current flow when a bidirectional pin is
pulled down.
LTC1755
*
2N7002T1 (MOTOROLA)
TN2460T (TEMIC/SILICONIX)
I/O
R1
20k
TO
SMART CARD
17556 F04
*CONNECT GATE TO VCC FOR DVCC = 5V APPLICATIONS
CONNECT GATE TO DVCC OR DVCC LOGIC LEVEL SIGNAL
FOR DVCC ≤ 3.3V APPLICATONS
5V
POWER
TO
MICROCONTROLLER
DATA
MN1
VCC
DVCC
Figure 4. I2C Level Translation Technique
I2C
TM Compatibility
Some smart cards still require I2C compatibility. In the I2C
format it is permissible to impose an L before the signal
line has returned H. This is used, for example, as an
acknowledge signal. Such a scenario will cause a collision
as shown in Figure 3.
Figure 4 shows an analog level translation technique that
can be used along with the LTC1755 to support I2C smart
cards. In this technique it is important to connect the gate
of the external MOSFET to the lower of the two supplies
(i.e., the lower of VCC or DVCC). If DVCC is operating from
a fixed 5V supply, the gate of MN1 should be connected to
VCC. If DVCC is operating from a regulated 3.3V supply, the
gate of MN1 should be connected to DVCC. In the latter
case, the gate may need to be connected to a digital signal
ranging from 0V to DVCC so that it can be disabled when
the LTC1755 is in shutdown. Otherwise, the the LTC1755
will try to assert an L on the microcontroller side of the
channel when it is in shutdown.
Supporting Synchronous and Asyncronous Cards
In synchronous/asynchronous applications it is neces-
sary to switch the CLK pin of the card socket from a free
running asynchronous clock to a controlled syncronous
clock. To avoid glitches and pulses shorter than the
minimum allowed pulse width, the circuit shown in Figure
5 should be used as a clock selection circuit. Note that for
this circuit to be effective the SYNC input should be held
constant while switching the ASYNC\SYNC control signal.
Low Power Operation
The LTC1755/LTC1756 are inherently low power devices.
When there is no Smart Card present the supply current is
Q
Q
D
TO CIN
17556 F05
Q
ASYNC SYNC
ASYNC IN
SYNC IN
Q
D
Figure 5. Glitchless Clock Selection Circuit
APPLICATIO S I FOR ATIO
I2C is a trademark of Philips Electronics N.V.
DATA
I/O
NORMAL
TRANSMIT
NORMAL
RECEIVE
I/O PULLED LOW DURING
TRANSMIT MODE (COLLISION)
DATA PULLED LOW DURING
RECEIVE MODE (COLLISION)
17556 F03
Figure 3. Possible Bidirectional Channel Scenarios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com